Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR6-102WCBW-R Datasheet(PDF) 1 Page - PATLITE CORPORATION.

Part # LR6-102WCBW-R
Description  Signal Tower
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR6-102WCBW-R Datasheet(HTML) 1 Page - PATLITE CORPORATION.

  LR6-102WCBW-R Datasheet HTML 1Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 2Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 3Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 4Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 5Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 6Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 7Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 8Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 9Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
[1.General Specifications]
Rated Power
Consumption
Max.
LED Unit : 1W
0.21kg + (0.06kg)×Tiers + [0.06kg]
More than 1MΩ at 500V DC between live part and non-current carrying metallic part
LR6-BW+FB295
Typ.
Insulation Resistance
Compatible Unit
(Optional)
Mounting Direction
Buzzer Unit : 40mA (※1)
Buzzer Unit : 250mA (※1)
Buzzer Unit : 1W (※1)
Buzzer Unit : 1.3W (※1)
LED Unit : 1.3W
EN 61000-6-4, EN 61000-6-2, EN IEC 63000
UL 508, CSA-C22.2 No. 14
LR6-E-R,Y,G,B,C,MZ+FB295
Indoor
LED Unit : 45mA
UL, cUL
0.17kg + (0.06kg)×Tiers + [0.06kg]
FCC
FCC Part 15 SubpartB Class A
LR6-WM
Mass
(Tolerance ±10%)
Body Unit + (LED Unit) + [Buzzer Unit]
Buzzer Unit Model
Conformity
Standards
KC
KS C 9610-6-4,KS C 9610-6-2
LED Unit Model
CE Marking
UKCA Marking
-20℃ to +50 ℃
Protection Rating
IP67(IEC 60529) / IP69K(DIN 40050 PART9)
Mounting Location
Storage Ambient Humidity
Upright
Operating Ambient Temperature
Storage Ambient Temperature
Operating Ambient Humidity
-30℃ to +60 ℃
LR6-WC
Less than 90 % (No condensation)
Less than 90 % (No condensation)
Rated Voltage ±10%
LED Unit : 40mA
Model
Rated Voltage
LR6-□02W□□W-□+FB295
Operating Voltage Range
24V DC
Rated Current
Consumption
Typ.
Max.
Page
Product Name
Signal Tower
Drawing No.
Rev.
SPECIFICATIONS
LR6-FB295-W18
Remarks
(※1) Environmental Condition: Buzzer sound No.2 Continuous beep sound.
Due to the characteristics of the LED elements, a variation in difference of the color
tone and brightness of every product may occur.
UL Recognized Component (File No.E215660)
B
Withstand Voltage
500V AC applied for 1min between live part and non-current carrying metallic part
without breaking insulation
Environmental
Condition
Upright
1 / 9


Similar Part No. - LR6-102WCBW-R

ManufacturerPart #DatasheetDescription
logo
PATLITE CORPORATION.
LR6-102W4BK PATLITE-LR6-102W4BK Datasheet
1Mb / 11P
Signal Tower
Rev. B
LR6-102W4BK-RYG PATLITE-LR6-102W4BK-RYG Datasheet
1Mb / 11P
Signal Tower
Rev. B
LR6-102W4BW PATLITE-LR6-102W4BW Datasheet
1Mb / 11P
Signal Tower
Rev. B
LR6-102W4BW-RYG PATLITE-LR6-102W4BW-RYG Datasheet
1Mb / 11P
Signal Tower
Rev. B
LR6-102W4NK PATLITE-LR6-102W4NK Datasheet
1Mb / 11P
Signal Tower
Rev. B
More results

Similar Description - LR6-102WCBW-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LE-502FBW-RYGBC ETC2-LE-502FBW-RYGBC Datasheet
239Kb / 2P
Signal Tower
logo
Contec Co., Ltd
CPS-PAV-AE01-EU CONTEC-CPS-PAV-AE01-EU Datasheet
541Kb / 3P
Signal Tower Monitoring
logo
M-System Co.,Ltd.
ITPL MSYSTEM-ITPL Datasheet
91Kb / 2P
Tower Light Series
IT60SRC MSYSTEM-IT60SRC Datasheet
203Kb / 5P
Tower Light Series
IT60RE MSYSTEM-IT60RE Datasheet
210Kb / 5P
ETHERNET TOWER LIGHT
IT50SW6F MSYSTEM-IT50SW6F Datasheet
435Kb / 10P
WIRELESS TOWER LIGHT
IT50SW5F MSYSTEM-IT50SW5F Datasheet
590Kb / 10P
WIRELESS TOWER LIGHT
IT50SRE MSYSTEM-IT50SRE Datasheet
180Kb / 4P
ETHERNET TOWER LIGHT
IT40SW6F MSYSTEM-IT40SW6F Datasheet
428Kb / 10P
WIRELESS TOWER LIGHT
logo
Schneider Electric
XVC6B25S SCHNEIDER-XVC6B25S Datasheet
83Kb / 4P
Tower Lights
Jan 12, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com