Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR6-102WCBW-R Datasheet(PDF) 2 Page - PATLITE CORPORATION.

Part # LR6-102WCBW-R
Description  Signal Tower
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PATLITE [PATLITE CORPORATION.]
Direct Link  https://www.patlite.com/
Logo PATLITE - PATLITE CORPORATION.

LR6-102WCBW-R Datasheet(HTML) 2 Page - PATLITE CORPORATION.

  LR6-102WCBW-R Datasheet HTML 1Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 2Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 3Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 4Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 5Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 6Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 7Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 8Page - PATLITE CORPORATION. LR6-102WCBW-R Datasheet HTML 9Page - PATLITE CORPORATION.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
[2.Model Number Configuration]
Drawing No.
Rev.
Page
LR6-FB295-W18
B
Size
Rated Voltage
Body Color
Flashing / Buzzer
Mounting / Wiring
Model Size
Rated
Voltage
Mounting/Wiring Flashing/Buzzer
Body Color
Custom Order
Number
Unit Model(Body Unit)
LR 6 - 02
⇩
N
W
+ FB295
6 Φ60
02 24V DC
W Off-white
N No Flashing / Buzzer
WC
Direct Mount / M12 Connector
(Mounting with M30 Nut)
WM
Direct Mount / M12 Connector
(Mounting with 3 Hexagon Bolts)
Size
Rated Voltage
Body Color
LED Unit Color
Tiers
Flashing / Buzzer
Mounting / Wiring
From top to bottom
Custom Order
Number
Model Size
Tiers
Rated
Voltage
Mounting/Wiring Flashing/Buzzer
Body Color
LED Unit Color
⇩
W
-
⇩
+
Assembly Model
LR 6 - ⇩
02
FB295
6 Φ60
02 24V DC
W Off-white
R Red
⇩
B Blue
Y Yellow
1 1Tier
B With Flashing / Buzzer
G Green
5 5Tiers
2 2Tiers
N No Flashing / Buzzer
WM
Direct Mount / M12 Connector
(Mounting with 3 Hexagon Bolts)
3 3Tiers
C White
4 4Tiers
WC
Direct Mount / M12 Connector
(Mounting with M30 Nut)
2 / 9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com