Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1085CLDF Datasheet(PDF) 3 Page - Globaltech Semiconductor Co.,Ltd

Part # GS1085CLDF
Description  3A Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS1085CLDF Datasheet(HTML) 3 Page - Globaltech Semiconductor Co.,Ltd

  GS1085CLDF Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.gs-power.com
Absolute Maximum Ratings 1 (TA=25ºC, unless otherwise specified)
Symbol
Parameter
Rating
Units
VIN
Supply Voltage
15
V
PD
Maximum Power Dissipation (TA=25 ºC)
TO-252-2L
1.2
W
SOT-223
0.9
RθJC
Thermal Resistance, Junction to Case
TO-252-2L
5
ºC/W
SOT-223
8
RθJA
Thermal Resistance, Junction to Ambient
TO-252-2L
104
ºC/W
SOT-223
138
TJ
Operating Junction Temperature
-25 - 125
ºC
TSTG
Storage Temperature Range
-40 - 150
ºC
TLEAD
Lead Temperature (Soldering 10sec)
260
ºC
NOTE:
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated under Recommended Operating Conditions is not implied. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.
Electrical Characteristics (TA =25ºC, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Units
Reference Voltage
VIN=2.75V , IOUT=10mA
1.237
1.25
1.263
V
VIN=2.7 to 7V , Io=10mA to 3A
1.225
-
1.275
Dropout Voltage
ΔVREF = 1%,
IOUT = 3A
-
1.3
1.45
V
Line Regulation
(VOUT+1.5V) ≦VIN≦ 7V
IOUT =10mA
-
0.5
2
%
Load Regulation
VIN=VOUT+3.0V,
IOUT=10mA to 3A
-
0.5
2.5
%
Current Limit
VIN -VOUT = 2.0V ,
4
5
-
A
Minimum Load Current
(Vo+1.5V) ≦VIN≦ 7V
-
10
-
mA
Ripple Rejection
VIN = 5V, IOUT = 3A
f = 120Hz, CADJ =22μF
60
72
-
dB
Adjust Pin Current
-
50
100
μA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com