Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1085CLDF Datasheet(PDF) 6 Page - Globaltech Semiconductor Co.,Ltd

Part # GS1085CLDF
Description  3A Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS1085CLDF Datasheet(HTML) 6 Page - Globaltech Semiconductor Co.,Ltd

  GS1085CLDF Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
www.gs-power.com
SOT-223
Package Dimension
Recommended Land Pattern
Unit: mm
Dimensions
Symbol
Millimeters
Inches
Min
Max
Min
Max
A
1.50
1.80
0.059
0.071
A1
0.00
0.12
0.000
0.005
A2
1.45
1.75
0.057
0.069
b
0.60
0.84
0.024
0.033
b1
2.90
3.10
0.114
0.122
c
0.23
0.35
0.009
0.014
D
6.20
6.70
0.244
0.264
E
6.70
7.30
0.264
0.287
E1
3.30
3.70
0.130
0.146
e
2.30 BSC
0.091 BSC
e1
4.60 BSC
0.181 BSC
L
0.75
---
0.030
---
θ
0°
10°
0°
10°
NOTE:
Dimensions are exclusive of Burrs, Mold Flash & Tie Bar extrusions.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com