Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1085CLDF Datasheet(PDF) 5 Page - Globaltech Semiconductor Co.,Ltd

Part # GS1085CLDF
Description  3A Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS1085CLDF Datasheet(HTML) 5 Page - Globaltech Semiconductor Co.,Ltd

  GS1085CLDF Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.gs-power.com
TO-252-2L
Package Dimension
Recommended Land Pattern
Unit: mm
Dimensions
Symbol
Millimeters
Inches
MIN
MAX
MIN
MAX
A
2.18
2.40
0.086
0.094
A1
0.00
0.15
0.000
0.006
b
0.64
0.90
0.025
0.035
c
0.40
0.89
0.016
0.035
c1
0.40
0.61
0.016
0.024
D
6.35
6.73
0.250
0.265
D1
4.95
5.46
0.195
0.215
D2
4.32
---
0.170
---
E
9.40
10.41
0.370
0.410
E1
5.97
6.22
0.235
0.245
E2
4.95
---
0.195
---
e
2.286 BSC
0.090 BSC
L
1.40
1.77
0.055
0.070
L1
2.67
3.07
0.105
0.121
θ
0°
8°
0°
8°
NOTE:
Dimensions are exclusive of Burrs, Mold Flash & Tie Bar extrusions.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com