Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1085CLDF Datasheet(PDF) 7 Page - Globaltech Semiconductor Co.,Ltd

Part # GS1085CLDF
Description  3A Linear Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLOBALTECH [Globaltech Semiconductor Co.,Ltd]
Direct Link  https://www.gs-power.com/EN/index.php
Logo GLOBALTECH - Globaltech Semiconductor Co.,Ltd

GS1085CLDF Datasheet(HTML) 7 Page - Globaltech Semiconductor Co.,Ltd

  GS1085CLDF Datasheet HTML 1Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 2Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 3Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 4Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 5Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 6Page - Globaltech Semiconductor Co.,Ltd GS1085CLDF Datasheet HTML 7Page - Globaltech Semiconductor Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Version_2.2
NOTICE
-
Globaltech Semiconductor assumes no responsibility for equipment failures that result from using products at
values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all Globaltech Semiconductor products
described or contained herein. Globaltech Semiconductor products are not designed for use in life support
appliances, devices or systems where malfunction of these products can be reasonably expected to result in
personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright
owner.
-
Applications shown on the herein document are examples of standard use and operation. Customers are
responsible in comprehending the suitable use in particular applications. Globaltech Semiconductor makes no
representation or warranty that such applications will be suitable for the specified use without further testing or
modification.
-
Information furnished is believed to be accurate and reliable. However, Globaltech Semiconductor assumes
no responsibility for the consequences of use of such information nor for any infringement of patents or other
rights of third parties, which may result from its use. No license is granted by implication or otherwise under
any patent or patent rights of Globaltech Semiconductor. Specifications mentioned in this publication are
subject to change without notice. This publication supersedes and replaces all information without express
written approval of Globaltech Semiconductor.
CONTACT US
GS Headquarter
4F, NO.43-1, Lane 11, Sec. 6, Minquan E. Rd Neihu District, Taipei City 114761, Taiwan (R.O.C).
886-2-2657-9980
886-2-2657-3630
sales_twn@gs-power.com
RD Division
824 Bolton Drive Milpitas. CA. 95035
1-408-457-0587



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com