Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM3-PM Datasheet(PDF) 3 Page - ams-OSRAM AG

Part # GW-CSSRM3-PM
Description  OSLON™ Square
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRM3-PM Datasheet(HTML) 3 Page - ams-OSRAM AG

  GW-CSSRM3-PM Datasheet HTML 1Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 2Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 3Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 4Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 5Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 6Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 7Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
GW CSSRM3.PM
DATASHEET
DATASHEET
3 | Version 1.13 | 2025-06-20
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 700 mA
Φ
V
GW CSSRM3.PM-MFN5-A10310-1
2200 K
270 ... 330 lm
Q65113A4863
GW CSSRM3.PM-MFN5-XX510-1
2200 K
270 ... 330 lm
Q65113A4862
GW CSSRM3.PM-N1N6-A939-1
2500 K
280 ... 340 lm
Q65113A4865
GW CSSRM3.PM-N1N6-XX59-1
2500 K
280 ... 340 lm
Q65113A4864
GW CSSRM3.PM-N4N8-A838-1
2700 K
310 ... 360 lm
Q65113A7446
GW CSSRM3.PM-N4N8-XX58-1
2700 K
310 ... 360 lm
Q65113A7445
GW CSSRM3.PM-N5N8-A838-1
2700 K
320 ... 360 lm
Q65113A8688
GW CSSRM3.PM-N5N8-XX58-1
2700 K
320 ... 360 lm
Q65113A8687
GW CSSRM3.PM-N6N8-A737-1
3000 K
330 ... 360 lm
Q65113A7448
GW CSSRM3.PM-N6N8-XX57-1
3000 K
330 ... 360 lm
Q65113A5023
GW CSSRM3.PM-N7P1-A737-1
3000 K
340 ... 380 lm
Q65113A8686
GW CSSRM3.PM-N7P1-XX57-1
3000 K
340 ... 380 lm
Q65113A8685
GW CSSRM3.PM-N8P1-A737-1
3000 K
350 ... 380 lm
Q65113A8684
GW CSSRM3.PM-N8P1-XX57-1
3000 K
350 ... 380 lm
Q65113A8683
GW CSSRM3.PM-N7N9-A636-1
3500 K
340 ... 370 lm
Q65113A7487
GW CSSRM3.PM-N7N9-XX56-1
3500 K
340 ... 370 lm
Q65113A7486
GW CSSRM3.PM-N8P1-A535-1
4000 K
350 ... 380 lm
Q65113A3198
GW CSSRM3.PM-N8P1-XX55-1
4000 K
350 ... 380 lm
Q65113A3197
GW CSSRM3.PM-N9P2-A535-1
4000 K
360 ... 390 lm
Q65113A7485
GW CSSRM3.PM-N9P2-XX55-1
4000 K
360 ... 390 lm
Q65113A7483
GW CSSRM3.PM-P1P3-A535-1
4000 K
370 ... 400 lm
Q65113A8682
GW CSSRM3.PM-P1P3-XX55-1
4000 K
370 ... 400 lm
Q65113A8681
GW CSSRM3.PM-N7P1-A434-1
4500 K
340 ... 380 lm
Q65113A2299
GW CSSRM3.PM-N7P1-XX54-1
4500 K
340 ... 380 lm
Q65113A2302
GW CSSRM3.PM-N8P1-A434-1
4500 K
350 ... 380 lm
Q65113A7484
GW CSSRM3.PM-N8P1-XX54-1
4500 K
350 ... 390 lm
Q65113A7482
GW CSSRM3.PM-N7P1-XX53-1
5000 K
340 ... 380 lm
Q65113A2301
GW CSSRM3.PM-N8P1-A333-1
5000 K
350 ... 380 lm
Q65113A3199
GW CSSRM3.PM-N8P1-XX53-1
5000 K
350 ... 380 lm
Q65113A3196
GW CSSRM3.PM-N9P2-A333-1
5000 K
360 ... 390 lm
Q65113A7481
GW CSSRM3.PM-N9P2-XX53-1
5000 K
360 ... 390 lm
Q65113A7488
GW CSSRM3.PM-N7P1-A232-1
5700 K
340 ... 380 lm
Q65113A2297



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com