Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM3-PM Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # GW-CSSRM3-PM
Description  OSLON™ Square
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRM3-PM Datasheet(HTML) 4 Page - ams-OSRAM AG

  GW-CSSRM3-PM Datasheet HTML 1Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 2Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 3Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 4Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 5Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 6Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 7Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
GW CSSRM3.PM
DATASHEET
DATASHEET
4 | Version 1.13 | 2025-06-20
Ordering Information
Type
Color temperature
Luminous Flux 1)
Ordering Code
I
F = 700 mA
Φ
V
GW CSSRM3.PM-N7P1-XX52-1
5700 K
340 ... 380 lm
Q65113A2300
GW CSSRM3.PM-N8P1-A232-1
5700 K
350 ... 380 lm
Q65113A3195
GW CSSRM3.PM-N8P1-XX52-1
5700 K
350 ... 380 lm
Q65113A3194
GW CSSRM3.PM-N9P2-A232-1
5700 K
360 ... 390 lm
Q65113A8680
GW CSSRM3.PM-N9P2-XX52-1
5700 K
360 ... 390 lm
Q65113A7480
GW CSSRM3.PM-N7P1-A131-1
6500 K
340 ... 380 lm
Q65113A5027
GW CSSRM3.PM-N7P1-XX51-1
6500 K
340 ... 380 lm
Q65113A5026
GW CSSRM3.PM-N8P2-A131-1
6500 K
350 ... 390 lm
Q65113A7456
GW CSSRM3.PM-N8P2-XX51-1
6500 K
350 ... 390 lm
Q65113A7455
GW CSSRM3.PM-N9P2-A131-1
6500 K
360 ... 390 lm
Q65113A7479
GW CSSRM3.PM-N9P2-XX51-1
6500 K
360 ... 390 lm
Q65113A7478



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com