Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM3-PM Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # GW-CSSRM3-PM
Description  OSLON™ Square
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRM3-PM Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button GW-CSSRM3-PM Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 9Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 10Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 11Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 12Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 13Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 14Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 15Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
GW CSSRM3.PM
DATASHEET
DATASHEET
12 | Version 1.13 | 2025-06-20
5700 K
A
0.3280 0.3539 0.3205 0.3475 0.3212 0.3373 0.3283 0.3502
B
0.3280 0.3539 0.3375 0.3619 0.3370 0.3493 0.3363 0.3486 0.3283 0.3502
C
0.3370 0.3493 0.3366 0.3372 0.3294 0.3314 0.3291 0.3348 0.3363 0.3486
D
0.3291 0.3348 0.3215 0.3337 0.3221 0.3255 0.3294 0.3314
E
0.3283 0.3502 0.3212 0.3373 0.3213 0.3365 0.3242 0.3388 0.3284 0.3471
F
0.3283 0.3502 0.3363 0.3486 0.3332 0.3462 0.3284 0.3471
G 0.3363 0.3486 0.3291 0.3348 0.3290 0.3379 0.3332 0.3462
H
0.3291 0.3348 0.3215 0.3337 0.3213 0.3365 0.3242 0.3388 0.3290 0.3379
6500 K
A
0.3102 0.3379 0.3027 0.3310 0.3047 0.3214 0.3054 0.3220 0.3110 0.3340
B
0.3102 0.3379 0.3205 0.3475 0.3213 0.3363 0.3192 0.3344 0.3110 0.3340
C
0.3213 0.3363 0.3221 0.3255 0.3144 0.3187 0.3136 0.3224 0.3192 0.3344
D
0.3136 0.3224 0.3054 0.3220 0.3047 0.3214 0.3067 0.3118 0.3144 0.3187
E
0.3110 0.3340 0.3054 0.3220 0.3082 0.3245 0.3115 0.3317
F
0.3110 0.3340 0.3192 0.3344 0.3165 0.3319 0.3115 0.3317
G 0.3192 0.3344 0.3136 0.3224 0.3131 0.3247 0.3165 0.3319
H
0.3136 0.3224 0.3054 0.3220 0.3082 0.3245 0.3131 0.3247



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com