Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-CSSRM3-PM Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # GW-CSSRM3-PM
Description  OSLON™ Square
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-CSSRM3-PM Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button GW-CSSRM3-PM Datasheet HTML 6Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 7Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 8Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 9Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 10Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 11Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 12Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 13Page - ams-OSRAM AG GW-CSSRM3-PM Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
GW CSSRM3.PM
DATASHEET
DATASHEET
10 | Version 1.13 | 2025-06-20
1
2
3
4
5
CCT
Group
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
2200 K
A
0.5155 0.4347 0.5044 0.4344 0.4921 0.4156 0.4941 0.4156 0.5088 0.4249
B
0.5155 0.4347 0.5265 0.4350 0.5132 0.4163 0.5101 0.4161 0.5088 0.4249
C
0.5132 0.4163 0.4998 0.3975 0.4898 0.3971 0.4955 0.4054 0.5101 0.4161
D
0.4955 0.4054 0.4941 0.4156 0.4921 0.4156 0.4798 0.3967 0.4898 0.3971
E
0.5088 0.4249 0.4941 0.4156 0.4973 0.4157 0.5061 0.4210
F
0.5088 0.4249 0.5101 0.4161 0.5068 0.4160 0.5061 0.4210
G 0.5101 0.4161 0.4955 0.4054 0.4981 0.4093 0.5068 0.4158
H
0.4981 0.4093 0.4973 0.4157 0.4941 0.4156 0.4955 0.4054
2500 K
A
0.4917 0.4328 0.4811 0.4315 0.4701 0.4128 0.4723 0.4130 0.4867 0.4245
B
0.4917 0.4328 0.5044 0.4344 0.4917 0.4149 0.4885 0.4146 0.4867 0.4245
C
0.4917 0.4149 0.4798 0.3967 0.4695 0.3954 0.4741 0.4031 0.4885 0.4146
D
0.4741 0.4031 0.4723 0.4130 0.4701 0.4128 0.4591 0.3941 0.4695 0.3954
E
0.4867 0.4245 0.4723 0.4130 0.4755 0.4133 0.4842 0.4202
F
0.4867 0.4245 0.4885 0.4146 0.4853 0.4143 0.4842 0.4202
G 0.4885 0.4146 0.4741 0.4031 0.4766 0.4074 0.4853 0.4143
H
0.4766 0.4074 0.4755 0.4133 0.4723 0.4130 0.4741 0.4031
2700 K
A
0.4675 0.4285 0.4561 0.4259 0.4467 0.4076 0.4491 0.4081 0.4637 0.4212
B
0.4675 0.4285 0.4811 0.4315 0.4698 0.4123 0.4663 0.4115 0.4637 0.4212
C
0.4698 0.4123 0.4591 0.3941 0.4482 0.3917 0.4517 0.3984 0.4663 0.4115
D
0.4517 0.3984 0.4491 0.4081 0.4467 0.4076 0.4372 0.3892 0.4482 0.3917
E
0.4637 0.4212 0.4491 0.4081 0.4526 0.4088 0.4613 0.4166
F
0.4637 0.4212 0.4663 0.4115 0.4628 0.4108 0.4613 0.4166
G 0.4663 0.4115 0.4517 0.3984 0.4541 0.4030 0.4628 0.4108
H
0.4541 0.4030 0.4526 0.4088 0.4491 0.4081 0.4517 0.3984
3000 K
A
0.4418 0.4211 0.4302 0.4171 0.4226 0.3995 0.4246 0.4002 0.4393 0.4153
B
0.4418 0.4211 0.4561 0.4259 0.4465 0.4073 0.4432 0.4062 0.4393 0.4153
C
0.4465 0.4073 0.4372 0.3892 0.4261 0.3856 0.4285 0.3911 0.4432 0.4062
D
0.4285 0.3911 0.4246 0.4002 0.4226 0.3995 0.4149 0.3819 0.4261 0.3856
E
0.4393 0.4153 0.4246 0.4002 0.4283 0.4014 0.4371 0.4105
F
0.4393 0.4153 0.4432 0.4062 0.4395 0.4050 0.4371 0.4105
G 0.4432 0.4062 0.4285 0.3911 0.4307 0.3960 0.4395 0.4050
H
0.4307 0.3960 0.4283 0.4014 0.4246 0.4002 0.4285 0.3911



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com