Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M48T86
Description  5.0 V PC real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M48T86 Datasheet HTML 6Page - STMicroelectronics M48T86 Datasheet HTML 7Page - STMicroelectronics M48T86 Datasheet HTML 8Page - STMicroelectronics M48T86 Datasheet HTML 9Page - STMicroelectronics M48T86 Datasheet HTML 10Page - STMicroelectronics M48T86 Datasheet HTML 11Page - STMicroelectronics M48T86 Datasheet HTML 12Page - STMicroelectronics M48T86 Datasheet HTML 13Page - STMicroelectronics M48T86 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Operation
M48T86
10/36
MOT (mode select)
The MOT pin offers the flexibility to choose between two bus types (see Figure 7 on
page 12). When connected to VCC, Motorola bus timing is selected. When connected to VSS
or left disconnected, Intel bus timing is selected. The pin has an internal pull-down
resistance of approximately 20K
Ω.
DS (data strobe input)
The DS pin is also referred to as READ (RD). A falling edge transition on the Data Strobe
(DS) input enables the output during a a READ cycle. This is very similar to an Output
Enable (G) signal on other memory devices.
E (chip enable input)
The Chip Enable pin must be asserted low for a bus cycle in the M48T86 to be accessed.
Bus cycles which take place without asserting E will latch the addresses present, but no
data access will occur.
IRQ (interrupt request output)
The IRQ pin is an open drain output that can be used as an interrupt input to a processor.
The IRQ output remains low as long as the status bit causing the interrupt is present and the
corresponding interrupt-enable bit is set. IRQ returns to a high impedance state whenever
Register C is read. The RST pin can also be used to clear pending interrupts. The IRQ bus
is an open drain output so it requires an external pull-up resistor to VCC.
RST (reset input)
The M48T86 is reset when the RST input is pulled low. With a valid VCC applied and a low
on RST, the following events occur:
1.
Periodic Interrupt Enable (PIE) Bit is cleared to a zero (Register B; Bit 6);
2.
Alarm Interrupt Enable (AIE) Bit is cleared to a zero (Register B; Bit 5);
3.
Update Ended Interrupt Request (UF) Bit is cleared to a zero (Register C; Bit 4);
4.
Interrupt Request (IRQF) Bit is cleared to a zero (Register C Bit 7);
5.
Periodic Interrupt Flag (PF) Bit is cleared to a zero (Register C; Bit 6);
6.
The device is not accessible until RST is returned high;
7.
Alarm Interrupt Flag (AF) Bit is cleared to a zero (Register C; Bit 5);
8.
The IRQ pin is in the high impedance state
9.
Square Wave Output Enable (SQWE) Bit is cleared to zero (Register B; Bit 3); and
10. Update Ended Interrupt Enable (UIE) is cleared to a zero (Register B; Bit 4).
RCL (RAM clear)
The RCL pin is used to clear all 114 storage bytes, excluding clock and control registers, of
the array to FF(hex) value. The array will be cleared when the RCL pin is held low for at
least 100ms with the oscillator running. Usage of this pin does not affect battery load. This
function is applicable only when VCC is applied.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com