Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86 Datasheet(PDF) 25 Page - STMicroelectronics

Part # M48T86
Description  5.0 V PC real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button M48T86 Datasheet HTML 21Page - STMicroelectronics M48T86 Datasheet HTML 22Page - STMicroelectronics M48T86 Datasheet HTML 23Page - STMicroelectronics M48T86 Datasheet HTML 24Page - STMicroelectronics M48T86 Datasheet HTML 25Page - STMicroelectronics M48T86 Datasheet HTML 26Page - STMicroelectronics M48T86 Datasheet HTML 27Page - STMicroelectronics M48T86 Datasheet HTML 28Page - STMicroelectronics M48T86 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 36 page
background image
M48T86
DC and AC parameters
25/36
DC and AC parameters
This section summarizes the operating and measurement conditions, as well as the DC and
AC characteristics of the device. The parameters in the following DC and AC Characteristic
tables are derived from tests performed under the Measurement Conditions listed in the
relevant tables. Designers should check that the operating conditions in their projects match
the measurement conditions when using the quoted parameters.
Note:
Output Hi-Z is defined as the point where data is no longer driven.
Figure 12.
AC testing load circuit (no IRQ)
Table 10.
Operating and AC measurement conditions
Parameter
M48T86
Unit
Supply voltage (VCC)
4.5 to 5.5
V
Ambient operating temperature (TA)
0 to 70
°C
Load capacitance (CL)100
pF
Input rise and fall times
≤ 5ns
Input pulse voltages
0 to 3
V
Input and output timing ref. voltages
1.5
V
AI01644
5V
50pF
960
Ω
FOR ALL
OUTPUTS
EXCEPT IRQ
510
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com