Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86 Datasheet(PDF) 27 Page - STMicroelectronics

Part # M48T86
Description  5.0 V PC real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M48T86 Datasheet HTML 23Page - STMicroelectronics M48T86 Datasheet HTML 24Page - STMicroelectronics M48T86 Datasheet HTML 25Page - STMicroelectronics M48T86 Datasheet HTML 26Page - STMicroelectronics M48T86 Datasheet HTML 27Page - STMicroelectronics M48T86 Datasheet HTML 28Page - STMicroelectronics M48T86 Datasheet HTML 29Page - STMicroelectronics M48T86 Datasheet HTML 30Page - STMicroelectronics M48T86 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 36 page
background image
M48T86
DC and AC parameters
27/36
Figure 14.
Power down/up mode AC waveforms
P
AI01646
VCC
E
tF
tR
trec
4.5V
VPFD
VSO
Table 13.
Power down/up mode AC characteristics
Symbol
Parameter(1)
Min
Max
Unit
tF
(2)
VCC fall time
300
µs
tR
VCC rise time
100
µs
trec
VPFD to E high
20
200
ms
1.
Valid for ambient operating temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V (except where noted).
2.
VCC fall time of less than tF may result in deselection/write protection not occurring until 200µs after VCC passes VPFD.
Table 14.
Power down/up trip points DC characteristics
Symbol
Parameter(1)(2)
Min
Typ
Max
Unit
VPFD
Power-fail deselect voltage
4.0
4.35
V
VSO
Battery back-up switchover voltage
3.0
V
tDR
(3)
Expected data retention time
10
YEARS
1.
Valid for ambient operating temperature: TA = 0 to 70°C; VCC = 4.5 to 5.5V (except where noted).
2.
All voltages referenced to VSS.
3.
At 25°C, VCC = 0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com