Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T86 Datasheet(PDF) 30 Page - STMicroelectronics

Part # M48T86
Description  5.0 V PC real-time clock
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T86 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button M48T86 Datasheet HTML 26Page - STMicroelectronics M48T86 Datasheet HTML 27Page - STMicroelectronics M48T86 Datasheet HTML 28Page - STMicroelectronics M48T86 Datasheet HTML 29Page - STMicroelectronics M48T86 Datasheet HTML 30Page - STMicroelectronics M48T86 Datasheet HTML 31Page - STMicroelectronics M48T86 Datasheet HTML 32Page - STMicroelectronics M48T86 Datasheet HTML 33Page - STMicroelectronics M48T86 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
Package mechanical data
M48T86
30/36
Figure 17.
SH – 4-pin SNAPHAT housing for 48mAh battery and crystal, package
outline
Note:
Drawing is not to scale.
Table 16.
SOH28 – 28-lead plastic small outline, 4-socket battery SNAPHAT, package
mechanical data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
3.05
0.1201
A1
0.05
0.36
0.0020
0.0142
A2
2.34
2.69
0.0921
0.1059
B
0.36
0.51
0.0142
0.0201
C
0.15
0.32
0.0059
0.0126
D
17.71
18.49
0.6972
0.7280
E
8.23
8.89
0.3240
0.3500
e1.27–
0.0500
eB
3.20
3.61
0.1260
0.1421
H
11.51
12.70
0.4531
0.5000
L
0.41
1.27
0.0161
0.0500
a0°
N28
28
CP
0.10
0.0039
SH
A1
A
D
E
eA
eB
A2
B
L
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com