Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-T3LPF1_EM Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # GW-T3LPF1_EM
Description  DURIS® L 38
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-T3LPF1_EM Datasheet(HTML) 4 Page - ams-OSRAM AG

  GW-T3LPF1_EM Datasheet HTML 1Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 2Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 3Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 4Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 5Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 6Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 7Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 8Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Characteristics (TA = 25 °C; IF = 10 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Viewing angle at 50 % I
V
Abstrahlwinkel bei 50 % I
V
(typ.)
2ϕ
360
°
Forward voltage
Durchlassspannung
(min.)
(typ.)
(max.)
VF
VF
VF
64
67
70
V
V
V
Color rendering index
Farbwiedergabe Index
(min.)
Ra
(2700K)
80
-
Version 1.
4
GW T3LPF1.EM
2018-09-04
4
Note:
1) Thermal resistance junction / ambient (RthJA) in Helium Condition, refer to application note.
2) Individual forward voltage groups see next page.
3) Filament bulb is recommended to be filled with argon gas, please refer to application note for details.
Anm.:
1) Wärmewiderstand Sperrschicht / Umgebung (Helium-Umgebung).
2) Durchlassspannungsgruppen siehe nächste Seite.
3) Es wird empfohlen, Lampen mit Filament-LEDs mit wärmeleitfähigem Inertgas zu füllen. Genaueres
finden Sie in den Anwendungshinweisen („Application Note“).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com