Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-T3LPF1_EM Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # GW-T3LPF1_EM
Description  DURIS® L 38
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-T3LPF1_EM Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button GW-T3LPF1_EM Datasheet HTML 6Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 7Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 8Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 9Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 10Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 11Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 12Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 13Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ΔVF = VF - VF(25 °C) = f(Tj); IF = 10 mA
ΦV/ΦV(25 °C) = f(Tj); IF = 10 mA
ΔCx, ΔCy = f(Tj); IF = 10 mA
GW T3LPF1.EM
-40 -20 0 20 40 60 80 100 120 140
Tj [°C]
-4
-2
0
2
∆
VF [V]
GW T3LPF1.EM
-40 -20 0 20 40 60 80 100 120 140
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
Φv
Φv(85°C)
GW T3LPF1.EM
-40 -20 0 20 40 60 80 100 120 140
Tj [°C]
-0,06
-0,04
-0,02
0,00
0,02
0,04
0,06
∆
Cx
∆
Cy
: Cx
: Cy
Relative Forward Voltage 3) page 19
Relative Vorwärtsspannung 3) Seite 19
Relative Luminous Flux 3) page 19
Relativer Lichtstrom 3) Seite 19
Chromaticity Coordinate Shift 3) page 19
Farbortverschiebung 3) Seite 19
Version 1.4
GW T3LPF1.EM
2018-09-04
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com