Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GW-T3LPF1_EM Datasheet(PDF) 1 Page - ams-OSRAM AG

Part # GW-T3LPF1_EM
Description  DURIS® L 38
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

GW-T3LPF1_EM Datasheet(HTML) 1 Page - ams-OSRAM AG

  GW-T3LPF1_EM Datasheet HTML 1Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 2Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 3Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 4Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 5Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 6Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 7Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 8Page - ams-OSRAM AG GW-T3LPF1_EM Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
2016-07-20
GW T3LPF1.EM
Features:
Besondere Merkmale:
•
Package: Chip-on-Board
•
Gehäusetyp: Chip-on-Board
•
Viewing angle at 50 % I
V: 360°
•
Abstrahlwinkel bei 50 % I
V: 360°
Applications
Anwendungen
•
Omnidirectional retrofits
•
Omnidirektionale Retrofits
•
Retrofits and fixtures
•
Retrofits
•
CRI: min. 80
•
CRI: min. 80
•
Luminous Flux: typ. 107 lm
•
Lichtstrom: typ. 107 lm
•
Luminous efficacy: typ. 161 lm/W
•
Lichtausbeute: typ. 161 lm/W
DURIS® L 38
The DURIS® L 38 combines high efficacy and a
wide beam angle into small footprint ( 32.0mm x
1.8mm), which is ideal choice for all 360° bulb and
candle light application.
DURIS® L 38 bietet hohe Effizienz bei weitem
Abstrahlwinkel, und das bei kompakten Abmessungen
(32,0 mm x 1,8 mm). Dadurch ist sie die ideale
Lichtquelle für 360° abstrahlende Lampen in
klassischer Glühlampen- und Kerzenform.
Datasheet
Version 1.4
2018-09-04
1


Similar Part No. - GW-T3LPF1_EM

ManufacturerPart #DatasheetDescription
logo
ams-OSRAM AG
GW-T3LMF1-EM AMSOSRAM-GW-T3LMF1-EM Datasheet
1Mb / 19P
DURIS® L 38
Version 1.6 2020-08-25
logo
OSRAM GmbH
GW-T3LMF1.EM OSRAM-GW-T3LMF1.EM Datasheet
1Mb / 18P
Chip-on-Board
logo
ams-OSRAM AG
GW-T3LRF1-EM AMSOSRAM-GW-T3LRF1-EM Datasheet
1Mb / 20P
DURIS® L 38
Version 1.6 2020-08-28
logo
OSRAM GmbH
GW-T3LRF1.EM OSRAM-GW-T3LRF1.EM Datasheet
1Mb / 18P
Chip-on-Board
logo
ams-OSRAM AG
GW-T3LSF1-EM AMSOSRAM-GW-T3LSF1-EM Datasheet
1Mb / 20P
DURIS® L 38
Version 1.6 2020-08-28
More results

Similar Description - GW-T3LPF1_EM

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
GWP7LP32.EM OSRAM-GWP7LP32.EM Datasheet
1Mb / 24P
DURIS S 10
GTDASPA1.13 OSRAM-GTDASPA1.13_18 Datasheet
1Mb / 22P
DURIS P 5
GWT3LTF1.EM OSRAM-GWT3LTF1.EM Datasheet
4Mb / 20P
DURIS L 38
GWT3LSF3.EM OSRAM-GWT3LSF3.EM Datasheet
2Mb / 20P
SOLERIQ L 38
GWT3LSF2.EM OSRAM-GWT3LSF2.EM Datasheet
2Mb / 20P
SOLERIQ L 38
GWJCLPS2.CM OSRAM-GWJCLPS2.CM Datasheet
2Mb / 24P
DURIS E 3
logo
Super Micro Computer, I...
X9SCM-F SUPERMICRO-X9SCM-F Datasheet
240Kb / 1P
Single socket H2 (LGA 1155) supports Intel® Xeon® E3-1200 family, Intel® 2nd Generation Core i3 & Inte®l
2012
logo
WAGO Kontakttechnik Gmb...
887-952 WAGO-887-952 Datasheet
701Kb / 2P
Splicing Connector Set; L-BOXX® Mini; 221 Series
21.11.2022
887-954 WAGO-887-954 Datasheet
477Kb / 2P
Splicing Connector Set; L-BOXX® Mini; 2773 Series
21.11.2022
logo
ams AG
GTJTLPS1.13 AMSCO-GTJTLPS1.13 Datasheet
1Mb / 21P
The DURIS® E 2835 color family provide excellent supreme efficacy in cost effective industry standard LED.
Version 1.3 2020-09-02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com