Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1981000000 Datasheet(PDF) 2 Page - Weidmuller

Part # 1981000000
Description  BLF 5.00HC/15/90LR SN OR BX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1981000000 Datasheet(HTML) 2 Page - Weidmuller

  1981000000 Datasheet HTML 1Page - Weidmuller 1981000000 Datasheet HTML 2Page - Weidmuller 1981000000 Datasheet HTML 3Page - Weidmuller 1981000000 Datasheet HTML 4Page - Weidmuller 1981000000 Datasheet HTML 5Page - Weidmuller 1981000000 Datasheet HTML 6Page - Weidmuller 1981000000 Datasheet HTML 7Page - Weidmuller 1981000000 Datasheet HTML 8Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Data sheet
BLF 5.00HC/15/90LR SN OR BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Approvals
 
Approvals
ROHS
Conform
UL File Number Search
UL Website
Certificate No. (cURus)
E60693
 
Dimensions and weights
 
Depth
29.6 mm
Depth (inches)
1.1654 inch
Height
20.8 mm
Height (inches)
0.8189 inch
Width
84.8 mm
Width (inches)
3.3386 inch
Net weight
27.62 g
 
Environmental Product Compliance
 
RoHS Compliance Status
Compliant without exemption
REACH SVHC
No SVHC above 0.1 wt%
Product Carbon Footprint
Cradle to gate
0,979 kg CO2 eq.
 
System Parameters
 
Product family
OMNIMATE Signal - series
BL/SL 5.00
Type of connection
Field connection
Wire connection method
PUSH IN with actuator
Pitch in mm (P)
5.00 mm
Pitch in inches (P)
0.197 "
Conductor outlet direction
90°
Number of poles
15
L1 in mm
70.00 mm
L1 in inches
2.758 "
Number of rows
1
Pin series quantity
1
Rated cross-section
2.5 mm²
Touch-safe protection acc. to DIN VDE
57 106
Safe from back-of-hand
touch
Touch-safe protection acc. to DIN VDE
0470
IP20 plugged/ IP10
unplugged
Protection degree
IP20
Volume resistance
≤5 mΩ
Can be coded
Yes
Stripping length
10 mm
Screwdriver blade
0.6 x 3.5
Screwdriver blade standard
DIN 5264
Plugging cycles
25
Plugging force/pole, max.
7 N
Pulling force/pole, max.
5.5 N
 
Material data
 
Insulating material
PBT
Colour
orange
Colour chart (similar)
RAL 2000
Insulating material group
IIIa
Comparative Tracking Index (CTI)
≥ 200
Moisture Level (MSL)
UL 94 flammability rating
V-0
Contact material
Cu-alloy
Contact surface
tinned
Layer structure of plug contact
4...8 µm Sn hot-dip tinned
Storage temperature, min.
-40 °C
Storage temperature, max.
70 °C
Operating temperature, min.
-50 °C
Operating temperature, max.
100 °C
Temperature range, installation, min.
-30 °C
Temperature range, installation, max.
100 °C
 
Conductors suitable for connection
 
Clamping range, min.
0.13 mm²
Clamping range, max.
3.31 mm²
Wire connection cross section AWG,
min.
AWG 26
 
Creation date 17.02.2026 08:54:26 MEZ
 
Catalogue status / Drawings
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com