Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1981000000 Datasheet(PDF) 3 Page - Weidmuller

Part # 1981000000
Description  BLF 5.00HC/15/90LR SN OR BX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1981000000 Datasheet(HTML) 3 Page - Weidmuller

  1981000000 Datasheet HTML 1Page - Weidmuller 1981000000 Datasheet HTML 2Page - Weidmuller 1981000000 Datasheet HTML 3Page - Weidmuller 1981000000 Datasheet HTML 4Page - Weidmuller 1981000000 Datasheet HTML 5Page - Weidmuller 1981000000 Datasheet HTML 6Page - Weidmuller 1981000000 Datasheet HTML 7Page - Weidmuller 1981000000 Datasheet HTML 8Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data sheet
BLF 5.00HC/15/90LR SN OR BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Wire connection cross section AWG,
max.
AWG 12
Solid, min. H05(07) V-U
0.2 mm²
Solid, max. H05(07) V-U
2.5 mm²
Flexible, min. H05(07) V-K
0.2 mm²
Flexible, max. H05(07) V-K
2.5 mm²
w. plastic collar ferrule, DIN 46228 pt 4,
min.
0.25 mm²
w. plastic collar ferrule, DIN 46228 pt 4,
max.
2.5 mm²
w. wire end ferrule, DIN 46228 pt 1,
min.
0.25 mm²
w. wire end ferrule, DIN 46228 pt 1,
max.
2.5 mm²
Plug gauge in accordance with EN
60999 a x b; ø
2.8 mm x 2.0 mm
Clampable conductor
Cross-section for conductor connection
Type
fine-wired
nominal
0.5 mm²
wire end ferrule
Stripping length
nominal 12 mm
Recommended wire-
end ferrule
H0,5/16 OR
Stripping length
nominal 10 mm
Recommended wire-
end ferrule
H0,5/10
Cross-section for conductor connection
Type
fine-wired
nominal
0.75 mm²
wire end ferrule
Stripping length
nominal 12 mm
Recommended wire-
end ferrule
H0,75/16 W
Stripping length
nominal 10 mm
Recommended wire-
end ferrule
H0,75/10
Cross-section for conductor connection
Type
fine-wired
nominal
1 mm²
wire end ferrule
Stripping length
nominal 12 mm
Recommended wire-
end ferrule
H1,0/16D R
Stripping length
nominal 10 mm
Recommended wire-
end ferrule
H1,0/10
Cross-section for conductor connection
Type
fine-wired
nominal
1.5 mm²
wire end ferrule
Stripping length
nominal 10 mm
Recommended wire-
end ferrule
H1,5/10
Stripping length
nominal 12 mm
Recommended wire-
end ferrule
H1,5/16 R
Cross-section for conductor connection
Type
fine-wired
nominal
2.5 mm²
wire end ferrule
Stripping length
nominal 10 mm
Recommended wire-
end ferrule
H2,5/10
Reference text
The outside diameter of the plastic collar should not be larger than the pitch (P), Length of ferrules
is to be chosen depending on the product and the rated voltage.
 
 
Creation date 17.02.2026 08:54:26 MEZ
 
Catalogue status / Drawings
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com