Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1981000000 Datasheet(PDF) 5 Page - Weidmuller

Part # 1981000000
Description  BLF 5.00HC/15/90LR SN OR BX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1981000000 Datasheet(HTML) 5 Page - Weidmuller

  1981000000 Datasheet HTML 1Page - Weidmuller 1981000000 Datasheet HTML 2Page - Weidmuller 1981000000 Datasheet HTML 3Page - Weidmuller 1981000000 Datasheet HTML 4Page - Weidmuller 1981000000 Datasheet HTML 5Page - Weidmuller 1981000000 Datasheet HTML 6Page - Weidmuller 1981000000 Datasheet HTML 7Page - Weidmuller 1981000000 Datasheet HTML 8Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Data sheet
BLF 5.00HC/15/90LR SN OR BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
Technical data
 
Type of conductor
and conductor cross-
section
stranded 0.2 mm²
Type of conductor
and conductor cross-
section
solid 2.5 mm²
Type of conductor
and conductor cross-
section
stranded 2.5 mm²
Type of conductor
and conductor cross-
section
AWG 26/1
Type of conductor
and conductor cross-
section
AWG 26/19
Type of conductor
and conductor cross-
section
AWG 14/1
Type of conductor
and conductor cross-
section
AWG 14/19
Evaluation
passed
Test for damage to and accidental
loosening of conductors
Standard
IEC 60999-1 section 9.4 / 11.99
Requirement
0.2 kg
Conductor type
Type of conductor
and conductor cross-
section
AWG 26/1
Type of conductor
and conductor cross-
section
AWG 26/19
Evaluation
passed
Requirement
0.3 kg
Conductor type
Type of conductor
and conductor cross-
section
H05V-U0.5
Type of conductor
and conductor cross-
section
H05V-K0.5
Evaluation
passed
Requirement
0.7 kg
Conductor type
Type of conductor
and conductor cross-
section
H07V-U2.5
Type of conductor
and conductor cross-
section
H07V-K2.5
Type of conductor
and conductor cross-
section
AWG 14/1
Type of conductor
and conductor cross-
section
AWG 14/19
Evaluation
passed
Pull-out test
Standard
IEC 60999-1 section 9.5 / 11.99
Requirement
≥10 N
Conductor type
Type of conductor
and conductor cross-
section
AWG 26/1
Type of conductor
and conductor cross-
section
AWG 26/19
Evaluation
passed
Requirement
≥20 N
 
Creation date 17.02.2026 08:54:26 MEZ
 
Catalogue status / Drawings
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com