Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1981000000 Datasheet(PDF) 1 Page - Weidmuller

Part # 1981000000
Description  BLF 5.00HC/15/90LR SN OR BX
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

1981000000 Datasheet(HTML) 1 Page - Weidmuller

  1981000000 Datasheet HTML 1Page - Weidmuller 1981000000 Datasheet HTML 2Page - Weidmuller 1981000000 Datasheet HTML 3Page - Weidmuller 1981000000 Datasheet HTML 4Page - Weidmuller 1981000000 Datasheet HTML 5Page - Weidmuller 1981000000 Datasheet HTML 6Page - Weidmuller 1981000000 Datasheet HTML 7Page - Weidmuller 1981000000 Datasheet HTML 8Page - Weidmuller  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Data sheet
BLF 5.00HC/15/90LR SN OR BX
Weidmüller Interface GmbH & Co. KG
Klingenbergstraße 26
D-32758 Detmold
Germany
 
www.weidmueller.com
 
Product image
Just as reliable as the millionfold proven original and fea-
turing innovative details:
The BLF 5.00HC PUSH IN version of the BLZ 5.00HC
female connector features a new connection system and
a more compact design. Weidmüller's innovative PUSH
IN spring connection system stands for the future of easy
and tool-free wire connection. HC = High Current.
In terms of versatility, the BLF 5.00HC offers just as much
as the older versions:
• 3 tested-and-proven wire outlet directions provide the
usual flexibility for application-specific design
• 4 flange variations and the patented release latch allow
the locking concept to be based on the requirements of
the user
General ordering data
 
Version
PCB plug-in connector, female plug, 5.00 mm,
Number of poles: 15, 90°, PUSH IN with actuator,
Clamping range, max. : 3.31 mm², Box
Order No.
1981000000
Type
BLF 5.00HC/15/90LR SN OR BX
GTIN (EAN)
4032248676118
Qty.
18 items
Product data
IEC: 400 V / 24 A / 0.2 - 2.5 mm²
UL: 300 V / 18.5 A / AWG 26 - AWG 12
Packaging
Box
 
 
Creation date 17.02.2026 08:54:26 MEZ
 
Catalogue status / Drawings
1


Similar Part No. - 1981000000

ManufacturerPart #DatasheetDescription
logo
Chicago Miniature Lamp,...
1981000050X500 CML-1981000050X500 Datasheet
382Kb / 1P
LED Indicator 12mm Standard Bezel
1981000051X500 CML-1981000051X500 Datasheet
382Kb / 1P
LED Indicator 12mm Standard Bezel
1981000052X500 CML-1981000052X500 Datasheet
382Kb / 1P
LED Indicator 12mm Standard Bezel
198100005X500 CML-198100005X500 Datasheet
382Kb / 1P
LED Indicator 12mm Standard Bezel
More results

Similar Description - 1981000000

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1000430001 WEIDMULLER-1000430001 Datasheet
79Kb / 3P
BLF 5.08/04/90LR SN BK BX
1000450001 WEIDMULLER-1000450001 Datasheet
79Kb / 3P
BLF 5.08/06/90LR SN BK BX
1000470001 WEIDMULLER-1000470001 Datasheet
79Kb / 3P
BLF 5.08/08/90LR SN BK BX
1002280000 WEIDMULLER-1002280000 Datasheet
79Kb / 3P
BLF 5.08/02/90LR SN OR BX
1979790000 WEIDMULLER-1979790000 Datasheet
80Kb / 3P
BLF 5.00/02/90LR SN BK BX
1979800000 WEIDMULLER-1979800000 Datasheet
80Kb / 3P
BLF 5.00/03/90LR SN BK BX
1979810000 WEIDMULLER-1979810000 Datasheet
80Kb / 3P
BLF 5.00/04/90LR SN BK BX
1979830000 WEIDMULLER-1979830000 Datasheet
80Kb / 3P
BLF 5.00/06/90LR SN BK BX
1979870000 WEIDMULLER-1979870000 Datasheet
80Kb / 3P
BLF 5.00/10/90LR SN BK BX
1980870000 WEIDMULLER-1980870000 Datasheet
80Kb / 3P
BLF 5.00/02/90LR SN OR BX
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com