Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5D3 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # S5D3
Description  S5D3 Microcontroller Group
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D3 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button S5D3 Datasheet HTML 35Page - Renesas Technology Corp S5D3 Datasheet HTML 36Page - Renesas Technology Corp S5D3 Datasheet HTML 37Page - Renesas Technology Corp S5D3 Datasheet HTML 38Page - Renesas Technology Corp S5D3 Datasheet HTML 39Page - Renesas Technology Corp S5D3 Datasheet HTML 40Page - Renesas Technology Corp S5D3 Datasheet HTML 41Page - Renesas Technology Corp S5D3 Datasheet HTML 42Page - Renesas Technology Corp S5D3 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
R01DS0328EU0120 Rev.1.20
Page 39 of 89
Dec 13, 2023
S5D3 Datasheet
2. Electrical Characteristics
2.3.6
Bus Timing
Figure 2.20
Address/data multiplexed bus read access timing
Table 2.18
Bus timing
Conditions:
BCLK = 8 to 120 MHz, EBCLK = 8 to 60 MHz.
VCC = AVCC0 = VCC_USB = VBATT = 2.7 to 3.6 V, VREFH/VREFH0 = 2.7 V to AVCC0.
Output load conditions: VOH = VCC × 0.5, VOL = VCC × 0.5, C = 30 pF.
EBCLK: High drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Others: Middle drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit
Test conditions
Address delay
tAD
-
12.5
ns
Figure 2.20 to
Figure 2.25
CS delay
tCSD
-
12.5
ns
ALE delay time
tALED
-
12.5
ns
RD delay
tRSD
-
12.5
ns
Read data setup time
tRDS
12.5
-
ns
Read data hold time
tRDH
0-
ns
WR0 delay
tWRD
-
12.5
ns
Write data delay
tWDD
-
12.5
ns
Write data hold time
tWDH
0-
ns
WAIT setup time
tWTS
12.5
-
ns
Figure 2.26
WAIT hold time
tWTH
0-
ns
Address bus/
data bus
Data read
(RD)
tAD
EBCLK
Address bus
Address latch
(ALE)
Chip select
(CSn)
tALED
TW1
TW2
Tn1
tAD
tAD
tRDS
Tn2
tRSD
tRSD
TW3
TW4
TW5
Tend
Ta1
Ta1
Tan
Address cycle
Data cycle
tRDH
tALED
tCSD
tCSD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com