Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5D3 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # S5D3
Description  S5D3 Microcontroller Group
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D3 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button S5D3 Datasheet HTML 9Page - Renesas Technology Corp S5D3 Datasheet HTML 10Page - Renesas Technology Corp S5D3 Datasheet HTML 11Page - Renesas Technology Corp S5D3 Datasheet HTML 12Page - Renesas Technology Corp S5D3 Datasheet HTML 13Page - Renesas Technology Corp S5D3 Datasheet HTML 14Page - Renesas Technology Corp S5D3 Datasheet HTML 15Page - Renesas Technology Corp S5D3 Datasheet HTML 16Page - Renesas Technology Corp S5D3 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 89 page
background image
R01DS0328EU0120 Rev.1.20
Page 13 of 89
Dec 13, 2023
S5D3 Datasheet
1. Overview
SPI
RSPCKA, RSPCKB
I/O
Clock input/output pin
MOSIA, MOSIB
I/O
Input or output pins for data output from the master
MISOA, MISOB
I/O
Input or output pins for data output from the slave
SSLA0, SSLB0
I/O
Input or output pin for slave selection
SSLA1 to SSLA3,
SSLB1 to SSLB3
Output
Output pins for slave selection
QSPI
QSPCLK
Output
QSPI clock output pin
QSSL
Output
QSPI slave output pin
QIO0 to QIO3
I/O
Data0 to Data3
CAN
CRX0, CRX1
Input
Receive data
CTX0, CTX1
Output
Transmit data
USBFS
VCC_USB
Input
Power supply pins
VSS_USB
Input
Ground pins
USB_DP
I/O
D+ I/O pin of the USB on-chip transceiver. Connect this pin to the D+ pin of
the USB bus
USB_DM
I/O
D- I/O pin of the USB on-chip transceiver. Connect this pin to the D- pin of
the USB bus
USB_VBUS
Input
USB cable connection monitor pin. Connect this pin to VBUS of the USB
bus. The VBUS pin status (connected or disconnected) can be detected
when the USB module is operating as a device controller.
USB_EXICEN
Output
Low-power control signal for external power supply (OTG) chip
USB_VBUSEN
Output
VBUS (5 V) supply enable signal for external power supply chip
USB_OVRCURA,
USB_OVRCURB
Input
Connect the external overcurrent detection signals to these pins. Connect
the VBUS comparator signals to these pins when the OTG power supply
chip is connected.
USB_ID
Input
Connect the MicroAB connector ID input signal to this pin during operation in
OTG mode
SDHI
SD0CLK, SD1CLK
Output
SD clock output pins
SD0CMD, SD1CMD
I/O
Command output pin and response input signal pins
SD0DAT0 to
SD0DAT3,
SD1DAT0 to
SD1DAT3
I/O
SD and MMC data bus pins
SD0CD
Input
SD card detection pins
SD0WP
Input
SD write-protect signals
Analog power
supply
AVCC0
Input
Analog voltage supply pin. This is used as the analog power supply for the
respective modules. Supply this pin with the same voltage as the VCC pin.
AVSS0
Input
Analog ground pin. This is used as the analog ground for the respective
modules. Supply this pin with the same voltage as the VSS pin.
VREFH0
Input
Analog reference voltage supply pin for the ADC12 (unit 0). Connect this pin
to VCC when not using the ADC12 (unit 0) and sample-and-hold circuit for
AN000 to AN002.
VREFL0
Input
Analog reference ground pin for the ADC12. Connect this pin to VSS when
not using the ADC12 (unit 0) and sample-and-hold circuit for AN000 to
AN002
VREFH
Input
Analog reference voltage supply pin for the ADC12 (unit 1) and D/A
Converter. Connect this pin to VCC when not using the ADC12 (unit 1),
sample-and-hold circuit for AN100 to AN102, and D/A Converter.
VREFL
Input
Analog reference ground pin for the ADC12 and D/A Converter. Connect this
pin to VSS when not using the ADC12 (unit 1), sample-and-hold circuit for
AN100 to AN102, and D/A Converter.
Table 1.16
Pin functions (3 of 4)
Function
Signal
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com