Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5D3 Datasheet(PDF) 68 Page - Renesas Technology Corp

Part # S5D3
Description  S5D3 Microcontroller Group
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D3 Datasheet(HTML) 68 Page - Renesas Technology Corp

Back Button S5D3 Datasheet HTML 64Page - Renesas Technology Corp S5D3 Datasheet HTML 65Page - Renesas Technology Corp S5D3 Datasheet HTML 66Page - Renesas Technology Corp S5D3 Datasheet HTML 67Page - Renesas Technology Corp S5D3 Datasheet HTML 68Page - Renesas Technology Corp S5D3 Datasheet HTML 69Page - Renesas Technology Corp S5D3 Datasheet HTML 70Page - Renesas Technology Corp S5D3 Datasheet HTML 71Page - Renesas Technology Corp S5D3 Datasheet HTML 72Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 89 page
background image
R01DS0328EU0120 Rev.1.20
Page 68 of 89
Dec 13, 2023
S5D3 Datasheet
2. Electrical Characteristics
Note:
These specification values apply when there is no access to the external bus during A/D conversion. If access occurs during
A/D conversion, the values might not fall within the indicated ranges.
The use of ports 0 as digital outputs is not allowed when the 12-bit A/D converter is used.
The characteristics apply when AVCC0, AVSS0, VREFH0, VREFH, VREFL0, VREFL, and 12-bit A/D converter input voltage
are stable.
Note 1.
The conversion time includes the sampling and comparison times. The number of sampling states is indicated for the test
conditions.
Note 2.
Values in parentheses indicate the sampling time.
Note 3.
When simultaneously using channel-dedicated sample-and-hold circuits in unit 0 and unit 1, see Table 2.35.
Channel-dedicated
sample-and-hold
circuits not in use
(AN100 to AN102)
Conversion time*1
(Operation at
PCLKC = 60 MHz)
Permissible signal
source impedance
Max. = 1 kΩ
0.48
(0.267)*2
--
μs
Sampling in 16 states
Offset error
-
±1.0
±2.5
LSB
-
Full-scale error
-
±1.0
±2.5
LSB
-
Absolute accuracy
-
±2.0
±4.5
LSB
-
DNL differential nonlinearity error
-
±0.5
±1.5
LSB
-
INL integral nonlinearity error
-
±1.0
±2.5
LSB
-
High-precision
channels
(AN105, AN106)
Conversion time*1
(Operation at
PCLKC = 60 MHz)
Permissible signal
source impedance
Max. = 1 kΩ
0.48
(0.267)*2
--
μs
Sampling in 16 states
Max. = 400 Ω
0.40
(0.183)*2
--
μs
Sampling in 11 states
VCC = AVCC0 = 3.0 to 3.6 V
3.0 V ≤ VREFH ≤ AVCC0
Offset error
-
±1.0
±2.5
LSB
-
Full-scale error
-
±1.0
±2.5
LSB
-
Absolute accuracy
-
±2.0
±4.5
LSB
-
DNL differential nonlinearity error
-
±0.5
±1.5
LSB
-
INL integral nonlinearity error
-
±1.0
±2.5
LSB
-
High-precision
channels
(AN107)
Conversion time*1
(Operation at
PCLKC = 60 MHz)
Permissible signal
source impedance
Max. = 1 kΩ
0.75
(0.533)*2
--
μs
Sampling in 32 states
Offset error
-
±1.0
±2.5
LSB
-
Full-scale error
-
±1.0
±2.5
LSB
-
Absolute accuracy
-
±2.0
±4.5
LSB
-
DNL differential nonlinearity error
-
±0.5
±1.5
LSB
-
INL integral nonlinearity error
-
±1.0
±2.5
LSB
-
Normal-precision
channels
(AN116, AN117)
Conversion time*1
(Operation at
PCLKC = 60 MHz)
Permissible signal
source impedance
Max. = 1 kΩ
0.88
(0.667)*2
--
μs
Sampling in 40 states
Offset error
-
±1.0
±5.5
LSB
-
Full-scale error
-
±1.0
±5.5
LSB
-
Absolute accuracy
-
±2.0
±7.5
LSB
-
DNL differential nonlinearity error
-
±0.5
±4.5
LSB
-
INL integral nonlinearity error
-
±1.0
±5.5
LSB
-
Table 2.34
A/D conversion characteristics for unit 1 (2 of 2)
Conditions: PCLKC = 1 to 60 MHz
Parameter
Min
Typ
Max
Unit
Test conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com