Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S5D3 Datasheet(PDF) 53 Page - Renesas Technology Corp

Part # S5D3
Description  S5D3 Microcontroller Group
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

S5D3 Datasheet(HTML) 53 Page - Renesas Technology Corp

Back Button S5D3 Datasheet HTML 49Page - Renesas Technology Corp S5D3 Datasheet HTML 50Page - Renesas Technology Corp S5D3 Datasheet HTML 51Page - Renesas Technology Corp S5D3 Datasheet HTML 52Page - Renesas Technology Corp S5D3 Datasheet HTML 53Page - Renesas Technology Corp S5D3 Datasheet HTML 54Page - Renesas Technology Corp S5D3 Datasheet HTML 55Page - Renesas Technology Corp S5D3 Datasheet HTML 56Page - Renesas Technology Corp S5D3 Datasheet HTML 57Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 89 page
background image
R01DS0328EU0120 Rev.1.20
Page 53 of 89
Dec 13, 2023
S5D3 Datasheet
2. Electrical Characteristics
2.3.11
SPI Timing
Note 1.
tPcyc: PCLKA cycle.
Table 2.25
SPI timing
Conditions:
For RSPCKA and RSPCKB pins, high drive output is selected with the Port Drive Capability bit in the PmnPFS register.
For other pins, middle drive output is selected in the Port Drive Capability bit in the PmnPFS register.
Parameter
Symbol
Min
Max
Unit*1
Test conditions*2
SPI
RSPCK clock cycle
Master
tSPcyc
2 (PCLKA
 60 MHz)
4 (PCLKA > 60 MHz)
4096
tPcyc
Figure 2.44
C = 30 pF
Slave
4
4096
RSPCK clock high
pulse width
Master
tSPCKWH (tSPcyc - tSPCKr -
tSPCKf) / 2 - 3
-ns
Slave
2 × tPcyc
-
RSPCK clock low pulse
width
Master
tSPCKWL (tSPcyc - tSPCKr -
tSPCKf) / 2 - 3
-ns
Slave
2 × tPcyc
-
RSPCK clock rise and
fall time
Master
tSPCKr,
tSPCKf
-5
ns
Slave
-
1
µs
Data input setup time
Master
tSU
4-
ns
Figure 2.45 to
Figure 2.50
C = 30 pF
Slave
5
-
Data input hold time
Master
(PCLKA division ratio
set to 1/2)
tHF
0-
ns
Master
(PCLKA division ratio
set to a value other
than 1/2)
tH
tPcyc
-
Slave
tH
20
-
SSL setup time
Master
tLEAD
N × tSPcyc - 10*3
N ×
tSPcyc +
100*3
ns
Slave
6 x tPcyc
-ns
SSL hold time
Master
tLAG
N × tSPcyc - 10 *4
N ×
tSPcyc +
100*4
ns
Slave
6 x tPcyc
-ns
Data output delay
Master
tOD
-6.3
ns
Slave
-
20
Data output hold time
Master
tOH
0-
ns
Slave
0
-
Successive
transmission delay
Master
tTD
tSPcyc + 2 × tPcyc
8 ×
tSPcyc +
2 × tPcyc
ns
Slave
6 × tPcyc
MOSI and MISO rise
and fall time
Output
tDr, tDf
-5
ns
Input
-
1
μs
SSL rise and fall time
Output
tSSLr,
tSSLf
-5
ns
Input
-
1
μs
Slave access time
tSA
-2 x tPcyc
+ 28
ns
Figure 2.49 and
Figure 2.50
C = 30PF
Slave output release time
tREL
-2 x tPcyc
+ 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com