Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H27DIP Datasheet(PDF) 23 Page - STMicroelectronics

Part # MK50H27DIP
Description  Signalling System 7 Link Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H27DIP Datasheet(HTML) 23 Page - STMicroelectronics

Back Button MK50H27DIP Datasheet HTML 19Page - STMicroelectronics MK50H27DIP Datasheet HTML 20Page - STMicroelectronics MK50H27DIP Datasheet HTML 21Page - STMicroelectronics MK50H27DIP Datasheet HTML 22Page - STMicroelectronics MK50H27DIP Datasheet HTML 23Page - STMicroelectronics MK50H27DIP Datasheet HTML 24Page - STMicroelectronics MK50H27DIP Datasheet HTML 25Page - STMicroelectronics MK50H27DIP Datasheet HTML 26Page - STMicroelectronics MK50H27DIP Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
4.1.2.6 Control and Status Register 5 (CSR5)
CSR5 facilitates control and monitoring of modem controls.
RAP<3:1> = 5
BIT
NAME
DESCRIPTION
15:05
0
Reserved, must be written as zeroes.
4
RTSEN
RTS/CTS ENABLE is a READ/WRITE bit used to configure pins 26
and 30. If this bit is set, pin 26 becomes RTS and pin 30 becomes
CTS. RTS is driven low whenever the MK50H27 has data to trans-
mit and is kept low during transmission. RTS will be driven high
after the closing flag of a signal unit is transmited if either no other
frames are in the FIFO or if the minimum signal unit spacing is
higher than 2 (see Mode Register).
The MK50H27 will not begin
transmission and TD will remain HIGH if CTS is high. If RTSEN = 0
then pins 26 and 30 become programmable I/O pins DTR and
DSR. The direction and behavior of DSR and DTR are controlled by
the following bits.
3
DTRD
DTR DIRECTION is a READ/WRITE bit used to control the direction
of the DTR pin. If DTRD = 0, the DTR pin becomes an input pin and
the DTR bit reflects the current value of the pin; if DTRD = 1, the DTR
pin is an output pin controlled by the DTR bit below.
2
DSRD
DSR DIRECTION is a READ/WRITE bit used to control the direction
of the DSR pin. If DSRD = 0, the DSR pin becomes an input pin
and the DSR bit reflects the current value of the pin; if DSRD = 1, the
DSR pin is an output pin controlled by the DSR bit below.
1
DTR
DATA TERMINAL READY is used to control or observe the DTR I/O
pin depending on the value of DTRD. If DTRD = 0, this bit be-
comes READ ONLY and always equals the current value of the DTR
pin. If DTRD = 1, this bit becomes READ/WRITE and any value
written to this bit appears on the DTR pin.
0
DSR
DATA SET READY is used to control or observe the DSR I/O
pin depending on the value of DSRD. If DSRD = 0, this bit be-
comes READ ONLY and always equals the current value of the DSR
pin. If DSRD = 1 this bit becomes READ/WRITE and any value
written to this bit appears on the DSR pin.
1
5
1
0
1
4
0
9
1
2
1
1
0
8
0
3
0
7
0
2
0
6
0
5
0
4
0
1
0
0
1
3
0
0
0
000000
D
T
R
D
D
S
R
D
D
T
R
D
S
R
R
T
S
E
N
X
E
D
G
E
0
MK50H27
23/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com