Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H27DIP Datasheet(PDF) 25 Page - STMicroelectronics

Part # MK50H27DIP
Description  Signalling System 7 Link Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H27DIP Datasheet(HTML) 25 Page - STMicroelectronics

Back Button MK50H27DIP Datasheet HTML 21Page - STMicroelectronics MK50H27DIP Datasheet HTML 22Page - STMicroelectronics MK50H27DIP Datasheet HTML 23Page - STMicroelectronics MK50H27DIP Datasheet HTML 24Page - STMicroelectronics MK50H27DIP Datasheet HTML 25Page - STMicroelectronics MK50H27DIP Datasheet HTML 26Page - STMicroelectronics MK50H27DIP Datasheet HTML 27Page - STMicroelectronics MK50H27DIP Datasheet HTML 28Page - STMicroelectronics MK50H27DIP Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 56 page
background image
4.2.1 Mode Register
The Mode Register allows alteration of the MK50H27’s operating parameters.
BIT
NAME
DESCRIPTION
15:11
MFS<4:0>
Minimum Frame Spacing defines the minimum number of flag
sequences transmitted
between adjacent frames transmitted by the
MK50H27. This only affects frames transmitted by the MK50H27
and does not restrict the spacing of the frames received by the
MK50H27.
When
using RTS/CTS control this field defines the
number of flags transmitted at the beginning of the frame after
CTS is driven low (minus one for the trailing flag).
See
the fol-
lowing table for encoding of this field.
10
EXTCF
Extended Control Force. Must be reset to zero for both SS7 and HDLC
transparent mode
09
EXTAF
Extended Address Force. If set along with EXTA, the receiver will
assume the address to be two otets long regardless of the first bit of
the address. See EXTA below. Must be set to a 1 for SS7 operation.
Must be reset to a zero for HDLC transparent mode.
08
DACE
Disable Address and Control field Extraction. DACE should be written
with ”0” for normal SS7 operation and with ”1” for HDLC Transparent
mode. The MK50H27 however, has a feature to allow shifting of the
alignment of the data in the MSU buffers. If DACE is set to ”1” for SS7
mode, the received LI will be placed in the first byte of the receive buff-
er, followed by the SIO in the second byte and so on. If DACE = 1, on
transmit the LI must be placed in the first byte of the transmit buffer
rather than in the SUL field of the Transmit Descriptor Entry (TMD2).
07
EXTC
Extended Control Field. Must be reset to zero for both SS7 and HDLC
transparent mode.
06
EXTA
Extended address Field. Must be set to a 1 for SS7 operation. Must
be reset to a zero for HDLC transparent mode.
1
5
1
4
1
3
0
7
0
8
1
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
LBACK
<2:0>
MFS
<4:0>
F
E
X
T
C
E
X
T
A
F
D
A
C
E
E
X
T
C
E
X
T
A
D
R
C
K
D
T
C
K
C
K
S
IADR + 00
NUMBER OF FLAGS
MFS<4:0>
NUMBER OF FLAGS
MFS<4:0>
1
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
1
0
2
4
9
18
5
11
22
12
25
19
7
15
31
30
32
34
36
38
40
42
44
46
48
50
52
54
56
58
60
62
28
24
17
3
6
13
27
23
14
29
26
21
10
20
8
16
MK50H27
25/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com