Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H27DIP Datasheet(PDF) 34 Page - STMicroelectronics

Part # MK50H27DIP
Description  Signalling System 7 Link Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H27DIP Datasheet(HTML) 34 Page - STMicroelectronics

Back Button MK50H27DIP Datasheet HTML 30Page - STMicroelectronics MK50H27DIP Datasheet HTML 31Page - STMicroelectronics MK50H27DIP Datasheet HTML 32Page - STMicroelectronics MK50H27DIP Datasheet HTML 33Page - STMicroelectronics MK50H27DIP Datasheet HTML 34Page - STMicroelectronics MK50H27DIP Datasheet HTML 35Page - STMicroelectronics MK50H27DIP Datasheet HTML 36Page - STMicroelectronics MK50H27DIP Datasheet HTML 37Page - STMicroelectronics MK50H27DIP Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
4.3 Receive and Transmit Descriptor Rings
Each descriptor ring in memory is a 4 word entry. The following is the format of the receive and transmit
descriptors.
4.3.1 Receive Message Descriptor Entry
4.3.1.1 Receive Message Descriptor 0 (RMD0)
BIT
NAME
DESCRIPTION
15
OWNA
When this bit is a zero either the HOST or the I/O ACCELERATION
PROCESSOR owns this descriptor.
When this bit is
a
one
the
MK50H27 owns this descriptor. The chip clears the OWNA bit af-
ter filling the buffer pointed to by the descriptor entry provided a valid
signal unit has been received. The Host sets the OWNA bit after
emptying the buffer. Once the MK50H27, Host, or I/O accelera-
tion processor has relinquished ownership of
a buffer, it may not
change any field in the four words that comprise the descriptor entry.
14
OWNB
This bit determines whether the Host or the Layer 3 I/O Processor owns
the buffer when OWNA is a zero.
The MK50H27 never uses this
bit. This bit is provided to facilitate use of a Layer 3 I/O processor.
13
SLF
Start of Long Signal Unit indicates that this is the first buffer used
by MK50H27 for this signal unit. It is used for data chaining buffers.
SLF is set by the MK50H27. NOTE: A ”Long Signal Unit” is any
MSU which needs data chaining.
12
ELF
End of Long Signal Unit indicates that this the last buffer used by
MK50H27 for this signal unit. It is used for data chaining buffers. If
both SLF and ELF were set, the signal unit would fit into one buffer
and no data chaining would be required. ELF is set by the MK50H27.
11:08
0
Reserved, must be written as zeroes for CCITT/ITU compliant operation.
11:10
PRIN
These bits indicate the content of the Priority Indication bits of the
received frame when JSS7E=1 (TTC JT-Q703 compliant mode).
07:00
RBADR
The High Order 8 address bits of the buffer pointed to by this descriptor.
This field is written by the Host and unchanged by MK50H27.
1
5
1
4
1
3
0
7
0
8
1
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
RBADR<23:16>
O
W
N
A
O
W
N
B
S
L
F
E
L
F
00
PRIN
MK50H27
34/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com