Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H27DIP Datasheet(PDF) 41 Page - STMicroelectronics

Part # MK50H27DIP
Description  Signalling System 7 Link Controller
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H27DIP Datasheet(HTML) 41 Page - STMicroelectronics

Back Button MK50H27DIP Datasheet HTML 37Page - STMicroelectronics MK50H27DIP Datasheet HTML 38Page - STMicroelectronics MK50H27DIP Datasheet HTML 39Page - STMicroelectronics MK50H27DIP Datasheet HTML 40Page - STMicroelectronics MK50H27DIP Datasheet HTML 41Page - STMicroelectronics MK50H27DIP Datasheet HTML 42Page - STMicroelectronics MK50H27DIP Datasheet HTML 43Page - STMicroelectronics MK50H27DIP Datasheet HTML 44Page - STMicroelectronics MK50H27DIP Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
4.4.8 MK50H27 Internal Self Test
The MK50H27 contains an easy to use internal self test designed to test, with a high fault coverage, all
of the major blocks of the device except the DMA controller. It is suggested that a loopback test also be
performed to more completely test the DMA controller.
The following procedure should be followed to execute the internal self test:
1. Reset the device using the RESET pin.
2. Set bit 04 of CSR4.
3. Issue a Self Test Request through CSR1.
4. Poll CSR1, waiting for the PAV bit in CSR1 to be set by the MK50H27.
5. After the PAV bit is set, read CSR1. The success or failure of the test is indicated in the PPRIM field
as follows:
PPRIM
RESULT
00
Passed self test.
17
Failed the reset test of the self test.
18
Failed the self test in the micro controller RAM.
19
Failed the self test in the ALU.
20
Failed the self test in the timers.
21
Failed the self test in the transmitter and/or receiver.
22
Failed the self test in the CSR’s and/or bus master.
Otherwise
Failed device.
6. If the PAV bit is not set within 75 msec (SYSCLK = 10MHZ), then the MK50H27 is unable to respond
to the Self Test Request and will not complete successfully.
If the self test passes, then it may be immediately reexecuted from step 3, otherwise re-execution
should proceed from step 1.
MK50H27
41/56



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com