Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H28 Datasheet(PDF) 18 Page - STMicroelectronics

Part # MK50H28
Description  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button MK50H28 Datasheet HTML 14Page - STMicroelectronics MK50H28 Datasheet HTML 15Page - STMicroelectronics MK50H28 Datasheet HTML 16Page - STMicroelectronics MK50H28 Datasheet HTML 17Page - STMicroelectronics MK50H28 Datasheet HTML 18Page - STMicroelectronics MK50H28 Datasheet HTML 19Page - STMicroelectronics MK50H28 Datasheet HTML 20Page - STMicroelectronics MK50H28 Datasheet HTML 21Page - STMicroelectronics MK50H28 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 64 page
background image
CSR
DATA
1
5
1
0
1
4
0
9
1
2
1
1
0
8
0
3
0
7
0
2
0
6
0
5
0
4
0
1
0
0
1
3
4.1.1.2 Register Data Port (RDP)
BIT
NAME
DESCRIPTION
15:00
CSR DATA
Writing data to the RDP loads data into the CSR selected by RAP. Reading the data from
RDP reads the data from the CSR selected in RAP.
1
5
1
4
1
3
0
7
0
8
1
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
0
R
I
N
T
T
I
N
T
P
I
N
T
T
U
R
M
I
S
S
M
E
R
R
R
O
R
I
N
T
R
R
X
O
N
T
X
O
N
I
N
E
A
S
T
O
P
D
T
X
D
R
X
P
T
D
M
D
4.1.2 Control and Status Register Definition
4.1.2.1 Control and Status Register 0 (CSR0)
RAP<3:1> = 0
BIT
NAME
DESCRIPTION
15
PTDMD
Transmit Demand for Priority DLCIs. Setting this bit to 1 causes the MK50H28 to jump to
Priority DLCI Block (PDB). This bit is cleared by the MK50H28 after servicing all active
entries in the PDB. (Note: See section 4.2.9 for more details.)
14
STOP
STOP, when set, indicates that MK50H28 is operating in the STOPPED Phase of
operation. All external activity is disabled and internal logic is reset. MK50H28 remains
inactive except for primitive processing until a START primitive is issued. STOP IS READ
ONLY and set by Bus RESET or a STOP primitive. Writing to this bit has no effect.
13
DTX
Disable Transmitter. Prevents the MK50H28 from further access to the Transmitter
Descriptor Rings. No transmissions are attempted after finishing transmission of any
frame in transmission at the time of DTX being set. Even LMI frames normally generated
automatically will not be transmitted if DTX=1. TXON acknowledges changes to DTX,
see below. DTX is READ/WRITE.
12
DRX
Disable the Receiver prevents the MK50H28 from further access to the Receiver
Descriptor Rings. No received frames are accepted after finishing reception of any frame
in reception at the time of DRX being set. Setting DRX will put the MK50H28 in the
LOCAL BUSY Phase. RXON acknowledges changes to DRX, see description of RXON.
DRX is READ/WRITE.
MK50H28
18/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com