Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H28 Datasheet(PDF) 43 Page - STMicroelectronics

Part # MK50H28
Description  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button MK50H28 Datasheet HTML 39Page - STMicroelectronics MK50H28 Datasheet HTML 40Page - STMicroelectronics MK50H28 Datasheet HTML 41Page - STMicroelectronics MK50H28 Datasheet HTML 42Page - STMicroelectronics MK50H28 Datasheet HTML 43Page - STMicroelectronics MK50H28 Datasheet HTML 44Page - STMicroelectronics MK50H28 Datasheet HTML 45Page - STMicroelectronics MK50H28 Datasheet HTML 46Page - STMicroelectronics MK50H28 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 64 page
background image
4.3.2.3 Transmit Message Descriptor 1 (TMD1)
1
5
1
4
1
3
0
7
0
8
1
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
TBADR<15:00>
0
BIT
NAME
DESCRIPTION
15:00
TBADR
The Low Order 16 address bits of the buffer pointed to by this descriptor. TBADR is
written by the Host and unchanged by MK50H28. The least significant bit is zero since
the descriptor must be word aligned.
4.3.2.4 Transmit Message Descriptor 2 (TMD2)
BIT
NAME
DESCRIPTION
15:00
BCNT
Buffer Byte Count is the usable lenght of the buffer pointed to by this descriptor
expressed in two’s complement. Thiis field is not used by the MK50H28.
1
5
1
4
1
3
0
7
0
8
1
0
1
1
1
2
0
1
0
2
0
3
0
4
0
5
0
0
0
9
0
6
BCNT<15:00>
BIT
NAME
DESCRIPTION
11:09
LMI Frame
Type to be
Transmitted
These bits define the type of frame to be transmitted when transmission occurs due to
LMI polling (enabled by UPRIM 8 with UPARM=2 - see 4.1.2.2).
Bit Encoding (MSB - LSB)
Frame Type
000
SVC Frame or Transparent Mode frame
001
Reserved
010
Full Status Enquiry frame
011
Status Enquiry frame (LIV only)
100
Asynchronous Status Frame
101
Update Status frame
110
Full Status frame
111
Status frame (LIV only)
11:09
0
Reserved. Must be written as zero.
08
TINTD
Transmit Interrupt Disable. If this bit is set, no transmit interrupt is generated when
ownership of this descriptor is released back to the host.
07:00
TBADR
The High Order 8 address bits of the buffer pointed to by this descriptor.
This field is written by the Host and unchanged by MK50H28.
MK50H28
43/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com