Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK50H28 Datasheet(PDF) 24 Page - STMicroelectronics

Part # MK50H28
Description  MULTI LOGICAL LINK FRAME RELAY CONTROLLER
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK50H28 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button MK50H28 Datasheet HTML 20Page - STMicroelectronics MK50H28 Datasheet HTML 21Page - STMicroelectronics MK50H28 Datasheet HTML 22Page - STMicroelectronics MK50H28 Datasheet HTML 23Page - STMicroelectronics MK50H28 Datasheet HTML 24Page - STMicroelectronics MK50H28 Datasheet HTML 25Page - STMicroelectronics MK50H28 Datasheet HTML 26Page - STMicroelectronics MK50H28 Datasheet HTML 27Page - STMicroelectronics MK50H28 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
4.1.2.5 Control and Status Register 4 (CSR4)
CSR4 allows redefinition of the bus master interface.
RAP<3:1> = 4
1
5
1
0
1
4
0
9
1
2
1
1
0
8
0
3
0
7
0
2
0
6
0
5
0
4
0
1
0
0
1
3
B
S
W
P
C
B
U
R
S
T
1
:
0
B
S
W
P
D
A
C
O
N
B
C
O
N
F
W
M
B
A
E
B
U
S
R
X
W
D
1
X
W
D
0
R
W
D
1
R
W
D
0
X
H
O
L
D
0
BIT
NAME
DESCRIPTION
15:12
XWD0/1,
RWD0/1
Watchdog Timers. These bits enable and determine the timer values for the Transmit and
Receive Watchdog Timers. These timers are independently programmable and are reset
by any transition on the TCLK and RCLK pins respectively. The watchdog timers will
expire after approximately Wn SYSCLK cycles (if not reset by transition on TCLK/RCLK)
and Provider Primitive 3 will be issued. The following table shows the selections for Wn:
11
0
Reserved, must be written as zero.
10
XHOLD
Setting this bit enables the Transmit FIFO Hold-Off mechanism of the MK50H28. If
XHOLD=1 and the Transmit FIFO is emplty, the MK50H28 transmitter will be ”held off”
from transmitting a frame until the FIFO has at least the XHOLD Watermark (selected
with FWM below) of data, or the entire frame , in the Transmit FIFO.
09:08
FWM
These bits define the FIFO watermarks. FIFO watermarks prevent the MK50H28 from
performing DMA transfers to/from the data buffers until the FIFOs contain a minimum
amount of data or space for data. For receive, data will only be transferred to the buffers
after the receive FIFO has at least N 16-bit words or end of frame has been received.
Conversely, for transmit, data will only be transferred from the data buffers when the
transmit FIFO has room for at least N words of data. The Transmit Hold-Off Watermark
enabled by setting XHOLD=1 is also defined by these bits. N is defined as follows:
* Suggested setting
07
BAE
Bus Address Enable: if BAE is set then the A23-A20 pins are driven by the MK50H28
constantly providing the ability to use A23-A20 for memory bus selection. If clear, A23-
A20 behave identically to A19- A16.
06
BUSR
If this bit is set, pin 15 becomes input BUSREL. If this bit is clear then pin 15 is either
BM0 or BYTE depending on bit 00. For more information see the description for pin 15
in this document. BUSR is READ/WRITE and cleared on bus Reset.
XWD1/RWD1
XWD0/RWD0
Wn
0
0
Disabled
01
2
18
10
2
19
11
2
20
FWM <1:0>
FWM N
XHOLD N
11
Not Allowed
Not Allowed
10*
9 words
19 Words
01
17 words
11 Words
00
25 words
3 Words
MK50H28
24/64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com