Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK68901 Datasheet(PDF) 1 Page - STMicroelectronics

Part # MK68901
Description  MULTI.FUNCTION PERIPHERAL
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK68901 Datasheet(HTML) 1 Page - STMicroelectronics

  MK68901 Datasheet HTML 1Page - STMicroelectronics MK68901 Datasheet HTML 2Page - STMicroelectronics MK68901 Datasheet HTML 3Page - STMicroelectronics MK68901 Datasheet HTML 4Page - STMicroelectronics MK68901 Datasheet HTML 5Page - STMicroelectronics MK68901 Datasheet HTML 6Page - STMicroelectronics MK68901 Datasheet HTML 7Page - STMicroelectronics MK68901 Datasheet HTML 8Page - STMicroelectronics MK68901 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
MK68901
December 1988
MULTI–FUNCTION PERIPHERAL
.
8 INPUT/OUTPUT PINS
• Individually programmable direction
• Individual interrupt source capability
- Programmable edge selection
.
16 SOURCE INTERRUPT CONTROLLER
• 8 Internal sources
• 8 External sources
• Individual source enable
• Individual source masking
• Programmable interrupt service modes
- Polling
- Vector generation
- Optional In-service status
• Daisy chaining capability
.
FOUR TIMERS WITH INDIVIDUALLY PRO-
GRAMMABLE PRESCALING
• Two multimode timers
- Delay mode
- Pulse width measurement mode
- Event counter mode
• Two delay mode timers
• Independent clock input
• Time out output option
.
SINGLE CHANNEL USART
• Full Duplex
• Asynchronous to 65 kbps
• Byte synchronous to 1 Mbps
• Internal/External baud rate generation
• DMA handshake signals
• Modem control
• Loop back mode
.
68000 BUS COMPATIBLE
.
48 PIN DIP OR 52 PIN PLCC
Figure 1 : Pin connections.
DESCRIPTION
The MK68901 MFP (Multi-Function Peripheral) is a
combination of many of the necessary peripheral
functions in a microprocessor system.
Included are :
Eight parallel I/O lines
Interrrupt controller for 16 sources
Four timers
Single channel full duplex USART
The use of the MFP in a system can significantly re-
duce chip count, thereby reducing system cost. The
MFP is completely 68000 bus compatible, and 24 di-
rectly addressable internal registers provide the ne-
MFP
1
DPIP48
PLCC52
1/33


Similar Part No. - MK68901

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MK68564 STMICROELECTRONICS-MK68564 Datasheet
464Kb / 46P
SERIAL INPUT OUTPUT
Jan-1989
MK68564N-04 STMICROELECTRONICS-MK68564N-04 Datasheet
464Kb / 46P
SERIAL INPUT OUTPUT
Jan-1989
MK68564N-05 STMICROELECTRONICS-MK68564N-05 Datasheet
464Kb / 46P
SERIAL INPUT OUTPUT
Jan-1989
MK68564Q-04 STMICROELECTRONICS-MK68564Q-04 Datasheet
464Kb / 46P
SERIAL INPUT OUTPUT
Jan-1989
MK68564Q-05 STMICROELECTRONICS-MK68564Q-05 Datasheet
464Kb / 46P
SERIAL INPUT OUTPUT
Jan-1989
More results

Similar Description - MK68901

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68901 MOTOROLA-MC68901 Datasheet
1Mb / 47P
Multifunction Peripheral
logo
Texas Instruments
SN55461 TI-SN55461 Datasheet
301Kb / 13P
DUAL PERIPHERAL DRIVERS
logo
Toshiba Semiconductor
TMP8255A TOSHIBA-TMP8255A Datasheet
685Kb / 19P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
Xicor Inc.
X68C64 XICOR-X68C64 Datasheet
62Kb / 12P
E2 Micro-Peripheral
logo
List of Unclassifed Man...
EF6821 ETC-EF6821 Datasheet
603Kb / 12P
PERIPHERAL INTERFACE ADAPTER
logo
Texas Instruments
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
DUAL PERIPHERAL DRIVERS
logo
Motorola, Inc
MC68HC901 MOTOROLA-MC68HC901 Datasheet
274Kb / 43P
Multi-Function Peripheral
logo
NEC
UPD8255A NEC-UPD8255A Datasheet
363Kb / 9P
PROGRAMMABLE PERIPHERAL INTERFACE
logo
Maxim Integrated Produc...
DS3231MPMB1 MAXIM-DS3231MPMB1 Datasheet
1Mb / 7P
DS3231MPMB1 Peripheral Module
Rev 0; 5/12
MAX14840PMB1 MAXIM-MAX14840PMB1 Datasheet
1Mb / 7P
MAX14840PMB1 Peripheral Module
Rev 0; 5/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com