Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK68901 Datasheet(PDF) 18 Page - STMicroelectronics

Part # MK68901
Description  MULTI.FUNCTION PERIPHERAL
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK68901 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button MK68901 Datasheet HTML 14Page - STMicroelectronics MK68901 Datasheet HTML 15Page - STMicroelectronics MK68901 Datasheet HTML 16Page - STMicroelectronics MK68901 Datasheet HTML 17Page - STMicroelectronics MK68901 Datasheet HTML 18Page - STMicroelectronics MK68901 Datasheet HTML 19Page - STMicroelectronics MK68901 Datasheet HTML 20Page - STMicroelectronics MK68901 Datasheet HTML 21Page - STMicroelectronics MK68901 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 33 page
background image
Figure 20 : SYNC Character Register.
Enable (XE) is set will alter the output
state until END is false. These bits should
be set prior to enabling the transmitter.
The state of these bits determine the
state of the first transmitted character af-
ter the transmitter is enabled. If the high
impedance mode was selected prior to
the transmitter being enabled, the first bit
transmitted is indeterminate.
XE :
Transmitter Enable. This control bit is u-
sed to enable or disable the transmitter.
When set, the transmitter is enabled.
When cleared, the transmitter will be di-
sabled. If disabled, any word currently in
the output register will continue to be
transmitted when XE is cleared, the
transmitter will turn off at the end of the
break character boundary, and no end of
break stop bit is transmitted. The transmit
clock must be running before the trans-
mitter is enabled A ”one” bit always pre-
cedes the first word out of the transmitter
after the transmitter is enabled. There is
a delay between the time the transmitter
enable bit is written an when the transmit-
ter reset goes low ; therefore, the H & L
bits should be written with the desired
state prior to enabling the transmitter.
Like the receiver section, there are two separate in-
terrupt channels associated with the transmitter.
The buffer Empty condition causes an interrupt via
one channel, while the Underrun and END condi-
tions will cause an interrupt via the second channel.
When underrun occurs in the synchronous format,
the character in the SCR will be transmitted until a
new words is loaded into the transmit buffer. In the
asynchronous format, a ”Mark” will be continuously
transmitted when underrun occurs.
The transmit buffer can be loaded prior to enabling
the transmitter. When the transmitter is disabled,
any character currently in the process of being trans-
mitted will continue to conclusion, but any character
in the transmit buffer will not be transmitted and will
remain in the buffer. Thus no buffer empty interrupt
will occur nor will the BE flag be ste. If the buffer were
already empty, the BE flag would be set and would
remain set. When the transmitter is disabled with a
character in the output register but with no character
in the transmit buffer, an Underrun Error will not oc-
cur when the character in progress concludes.
Often it is necessary to send a break for some par-
ticular period. To aid in timing a break transmission,
a transmission, a transmit error interrupt will be ge-
nerated at every normal character boundary time
during a break transmission. The status register in-
formation is unaffected by this error condition inter-
rupt. It should be noted that an underrun error, if pre-
sent, must be cleared from the TSR, and the inter-
rupt pending register must be cleared of pending
transmitter errors at the beginning of the break
transmission or no interrupts will be generated at the
character boundary time.
It the synchronous format is selected, the sync char-
acter should be loaded into the Sync Character Re-
gister (SCR) as shouwn in figure 20. This character
is compared to the received serial data during a
Search, and will be continuously transmitted during
an underrun condition.
All flags in the RSR or TSR will continue to function
as described whether their associated interrupt
channel is disabled or enabled. All interrupt chan-
nels are edge triggered and, in many cases, it is the
actual output of a flag bit or flag bits which is coupled
to the interrupt channel. thus, if a normal interrupt
producing condition occurs while the interrupt chan-
nel is disabled, no interrupt would be produced even
if the channel was subsequently enabled, because
a transition did not occur while the interrupt channel
was enabled. that particular flag bit would have to
occur a second time before another ”edge” was pro-
duced, causing an interrupt to be generated.
Error conditions in the USART are determined by
monitoring the Receive Status Register and the
Transmitter Status Register. These error conditions
are only valid for each word boundary and are not
latched. When executing block tranfers or data, it is
necessary to save any errors so that they can be
checked at the end of a block. In order to save error
conditions during data transfer, the MK68901 MFP
interrupt controller may be used by enabling error in-
terrupt for the desired channel (Receive error or
Transmit error) and by masking these bits off. Once
the tranfer is complete, the Interrupt Pending Regis-
ter can be polled, to determine the precence of a
pending error interrupt, and therefore an error.
V000366
MK68901
18/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com