Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK68901 Datasheet(PDF) 22 Page - STMicroelectronics

Part # MK68901
Description  MULTI.FUNCTION PERIPHERAL
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK68901 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button MK68901 Datasheet HTML 18Page - STMicroelectronics MK68901 Datasheet HTML 19Page - STMicroelectronics MK68901 Datasheet HTML 20Page - STMicroelectronics MK68901 Datasheet HTML 21Page - STMicroelectronics MK68901 Datasheet HTML 22Page - STMicroelectronics MK68901 Datasheet HTML 23Page - STMicroelectronics MK68901 Datasheet HTML 24Page - STMicroelectronics MK68901 Datasheet HTML 25Page - STMicroelectronics MK68901 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 33 page
background image
AC ELECTRICAL CHARACTERISTICS (continued)
(VCC = 5.0Vdc ± 5%, GND = 0Vdc, TA =0°Cto 70°C)
Val ue
MK689 01-4
MK689 01-5
Number
Characteristic
Min.
Max.
Min.
Max.
Unit
Fi g.
Note
33
Timer Clock High Time
110
90
ns
29
34
Timer Clock Cycle Time
250
1000
200
1000
ns
29
35
RESET Low Time
2
1.8
µs30
36
Delay to Falling INTR from External Interrupt
Active Transition
380
380
ns
25
37
Transmitter Internal Interrupt Delay from Falling
Edge of TC
550
550
ns
28
38
Receiver Buffer Full Interrupt Transition Delay
from Rising Edge of RC
800
800
ns
27
39
Receiver Error Interrupt Transition Delay from
Falling Edge of RC
800
800
ns
27
40
Serial in Set Up Time to Rising Edge of RC
(divide by one only)
80
70
ns
27
41
Data Hold Time from Rising Edge of RC
(divide by one only)
350
325
ns
27
42
Serial Output Data Valid from Falling Edge of TC
(
÷1)
440
420
ns
28
43
Transmitter Clock Low Time
500
450
ns
28
44
Transmitter Clock High Time
500
450
ns
28
45
Transmitter Clock Cycle Time
1.05
∞
0.95
∞
µs28
46
Receiver Clock Low Time
500
450
ns
27
47
Receiver Clock High Time
500
450
ns
27
48
Receiver Clock Cycle Time
1.05
∞
0.95
∞
µs27
49
CS, IACK, DS Width Low
80
80
T CL K
29
2
50
Serial Output Data Valid from Falling Edge of TC
(
÷16)
490
370
ns
28
Notes :
1. IEO only goes low if no acknowledgeable interrupt is
pending. If IEO goes low, DTACK and the data bus re-
main tri-stated.
2. TCLK refers to the clock applied to the MFP CLK input
pin. tCLK refers to the timer clock signal, regardless of
whether that signal comes from the XTAL 1/XTAL2crys-
tal clock inputs or the TAI or TBI timer inputs.
3. If the setup time is not met, CS or IACK will not be reco-
gnized until the next falling CLK.
4. If this setup time is met (for consecutive cycles), the mi-
nimum hold-off time of one clock cycle will be obtained.
If not met, the hold-off will be two clock cycles.
5. CS is latched internally, therefore if spec’s 1 and 24 are
met then CS may be reasserted before the rising clock
and still terminate the current bus cycle.The new bus cy-
cle will be delayed by the MK68901 until all appropriate
internal operations have completed.
6. Although CS and DTACK are synchronized with the
clock, the data out during a read cycle is asynchronous
to the clock, relying only on CS for timing.
7. Spec. 30 applies to timer outputs TAO and TBO only.
MK68901
22/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com