Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MK68901 Datasheet(PDF) 29 Page - STMicroelectronics

Part # MK68901
Description  MULTI.FUNCTION PERIPHERAL
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MK68901 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button MK68901 Datasheet HTML 25Page - STMicroelectronics MK68901 Datasheet HTML 26Page - STMicroelectronics MK68901 Datasheet HTML 27Page - STMicroelectronics MK68901 Datasheet HTML 28Page - STMicroelectronics MK68901 Datasheet HTML 29Page - STMicroelectronics MK68901 Datasheet HTML 30Page - STMicroelectronics MK68901 Datasheet HTML 31Page - STMicroelectronics MK68901 Datasheet HTML 32Page - STMicroelectronics MK68901 Datasheet HTML 33Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 33 page
background image
Figure 31 : Typical Output.
Figure 32 : INTR Test Load.
For all outputs except
DTAC K
C L = 100pf
R L =20k Ω
R 1 =180Ω
For DTAC K
CL = 130pf
RL =6kΩ
R1 = 470 Ω
Figure 33 : MK68901 MFP External Oscillator Components.
CRY STAL PAR AMET ERS :
Paral lel resonance, f undament al mode AT cut
RS ≤ 150Ω (FR =2.8 – 5.0MHz);
RS ≤ 300Ω (FR =2.0 – 2.7MHz)
CL = 18pf ; CM = 0.02pf ; Ch = 5pf ; LM = 96mH
FR (typ) = 2.4576MHz
MK68901 ORDER CODES
Part Number
PackageType
Max. ClockFrequency
TemperatureRange
68901P04
68901P05
68901N04
68901N05
68901Q04
68901Q05
Ceramic DIP
Ceramic DIP
Plastic DIP
Plastic DIP
Plastic PLCC
Plastic PLCC
4.0MHz
5.0MHz
4.0MHz
5.0MHz
4.0MHz
5.0MHz
0
° to 70°C
0
° to 70°C
0
° to 70°C
0
° to 70°C
0
° to 70°C
0
° to 70°C
V000333
V000373
V000374
MK68901
29/33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com