Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT20 Datasheet(PDF) 10 Page - ASAIR All Rights Reserved.

Part # AHT20
Description  Humidity and Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASAIR [ASAIR All Rights Reserved.]
Direct Link  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT20 Datasheet(HTML) 10 Page - ASAIR All Rights Reserved.

Back Button AHT20 Datasheet HTML 6Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 7Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 9Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 10Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 11Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 12Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 13Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 14Page - ASAIR All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.aosong.com
Version:V1.0 —— May 2021
AHT20 Data Sheet
10 / 16
6 Electrical Characteristics
6.1 Absolute Maximum Ratings
The electric specifications of sensor are defined in Table 2.The absolute maximum ratings given in Table 6 are
only stress ratings and to provide more information. Under such conditions, it is not advisable for the device to
perform functional operation. Exposure to absolute maximum rating or a long time may affect the reliability of the
sensor.
parameters
Min
Max
Unit
VDD to GND
-0.3
5.5
V
Digital I/O Pins
(SDA,SCL) to GND
-0.3
VCC+0.3
V
Input current per pin
-10
10
mA
Table 6. Absolute maximum electrical ratings
ESD electrostatic discharge conforms to JEDECJESD22-A114 standard (human body model ±4kV),
JEDECJESD22-A115 (machine model ±200V). If the test condition exceeds the nominal limit index, the sensor
needs to add an additional protection circuit.
6.2 Input /Output Characteristics
Electrical characteristics, such as power consumption, input and output high and low voltages, etc., depend on the
power supply voltage. In order to make the sensor communication smooth, it is very important to ensure that the
signal design is strictly limited to the range given in Table 7, 8 and Figure 9.
Table 7. DC characteristics of digital input and output pads, if there is no special statement VDD=2.2V to 5.5VT=-40°C to 85°C
Figure 17. Timing diagram of digital input/output
parameters
conditions
Min
typical
Max
unit
Low output Voltage VOL
VDD=3.3V,
-4mA<IOL<0mA
0
-
0.4
V
High output Voltage
VOH
70% VDD
-
VDD
V
Output sink
current IOL
-
-
-4
mA
Low output Voltage VIL
0
-
30%VDD
V
High output Voltage VIH
70% VDD
-
VDD
V
Input Current
VDD=5.5V,VIN=0V to 5.5V
-
-
±1
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com