Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT20 Datasheet(PDF) 13 Page - ASAIR All Rights Reserved.

Part # AHT20
Description  Humidity and Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASAIR [ASAIR All Rights Reserved.]
Direct Link  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT20 Datasheet(HTML) 13 Page - ASAIR All Rights Reserved.

Back Button AHT20 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 9Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 10Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 11Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 12Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 13Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 14Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 15Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 16Page - ASAIR All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
www.aosong.com
Version:V1.0 —— May 2021
AHT20 Data Sheet
13 / 16
Trigger measurement data
Read temperature and humidity data
Note: The sensor needs time to collect. After the host sends a measurement command (0xAC), delay more than 80
milliseconds before reading the converted data and judging whether the returned status bit is normal. If the status bit [Bit7] is 0,
it means that the data can be read normally. When it is 1, the sensor is busy, and the host needs to wait for the data
processing to complete.
8 Signal Conversion
8.1 Relative Humidity Conversion
The relative humidity RH can be calculated according to the relative humidity signal SRH output by SDA through the
following formula (the result is expressed in %RH):
%
100
*
)
2
S
(
[%]
RH
20
RH
8.2 Temperature Conversion
The temperature T can be calculated by substituting the temperature output signal ST into the following formula:
(The result is expressed in temperature ℃):
50
-
200
*
2
S
]
[
T
20
T )



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com