Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT20 Datasheet(PDF) 4 Page - ASAIR All Rights Reserved.

Part # AHT20
Description  Humidity and Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASAIR [ASAIR All Rights Reserved.]
Direct Link  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT20 Datasheet(HTML) 4 Page - ASAIR All Rights Reserved.

  AHT20 Datasheet HTML 1Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 2Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 3Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 4Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 5Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 6Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 7Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 9Page - ASAIR All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
www.aosong.com
Version:V1.0 —— May 2021
AHT20 Data Sheet
4 / 16
3.2 RH Accuracy at Different Temperatures
Figure 2 defines the RH accuracy at 25°C, and Figure 5 shows the typical humidity error for other temperature
ranges.
Figure 5. The typical error of humidity in the range of 0~80°C, unit: (%RH)
Please note: The above error is the typical error (excluding hysteresis) of the reference instrument test with a high-precision
dew point meter.
3.3 Electrical Characteristics
The power consumption given in Table 3 is related to temperature and supply voltage VDD. Refer to Figures 6 and
7 for power consumption estimation. Please note that the curves in Figures 6 and 7 are typical natural
characteristics, and there may be deviations.
Figure 6. Typical supply current vs. temperature curve (sleep mode) when VDD=3.3V.
Please note that there is a deviation of approximately ±25% between these data and the displayed value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com