Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AHT20 Datasheet(PDF) 2 Page - ASAIR All Rights Reserved.

Part # AHT20
Description  Humidity and Temperature Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASAIR [ASAIR All Rights Reserved.]
Direct Link  https://www.aosong.com/en/index.aspx
Logo ASAIR - ASAIR All Rights Reserved.

AHT20 Datasheet(HTML) 2 Page - ASAIR All Rights Reserved.

  AHT20 Datasheet HTML 1Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 2Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 3Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 4Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 5Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 6Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 7Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 8Page - ASAIR All Rights Reserved. AHT20 Datasheet HTML 9Page - ASAIR All Rights Reserved. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.aosong.com
Version:V1.0 —— May 2021
AHT20 Data Sheet
2 / 16
2 Sensor Specifications
Relative Humidity
Table 1. Humidity characteristics table.
Temperature
Table 2. Temperature Characteristic table
.
Figure 2. Typical and maximum error in relative humidity at 25°C
Figure 3. Typical and maximum temperature errors.
Parameter
condition
min
typical
max
unit
resolution
Typical
-
0.024
-
%RH
Accuracy error1
Typical
-
±2
-
%RH
max
See Figure 2
-
%RH
repeatable
-
-
±0.1
-
%RH
hysteresis
-
-
±1
-
%RH
nonlinear
-
-
<0.1
-
%RH
Response time2
τ
63%
-
8
-
s
Scope of work
Extended3
0
-
100
%RH
Prolonged Drift4
-
-
<1
-
%RH /yr
Parameter
condition
min
typical
max
unit
resolution
Typical
-
0.01
-
℃
Accuracy
Error1
Typical
-
±0.3
-
℃
max
See Figure 3
-
℃
repeatable
-
-
±0.1
-
℃
hysteresis
-
-
±0.1
-
℃
Response time6
τ
63%
5
30
S
Scope of work
Extended3
-40
-
85
℃
Prolonged Drift
-
-
<0.1
-
℃
/yr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com