Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2313 Datasheet(PDF) 3 Page - Injoinic Technology Co.,Ltd.

Part # IP2313
Description  High-Input-Voltage Synchronous Buck Charger IC for Single-Cell Li-ion Batteries
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2313 Datasheet(HTML) 3 Page - Injoinic Technology Co.,Ltd.

  IP2313 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IP2313
V1.0
http://www.injoinic.com/
3 / 11
Copyright © 2021, Injoinic Corp.
6 型号说明
型号名称
描述
IP2313
标准品,
4.20V 电池,两灯模式,电池端充电电流 2A
IP2313_4V3
在标准品基础上,将电池电压改为
4.30V
IP2313_4V35
在标准品基础上,将电池电压改为
4.35V
IP2313_4V4
在标准品基础上,将电池电压改为
4.40V
IP2313_NOT
在标准品基础上,取消充电超时设定
7 IC 印字说明
图 3 IP2313 丝印图



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com