Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2313 Datasheet (PDF) - Injoinic Technology Co.,Ltd.

IP2313 Datasheet PDF - Injoinic Technology Co.,Ltd.
Part # IP2313
Download  IP2313 Download
File Size   1298.7 Kbytes
Page   11 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description High-Input-Voltage Synchronous Buck Charger IC for Single-Cell Li-ion Batteries

IP2313 Datasheet (PDF)

Go To PDF Page Download Datasheet
IP2313 Datasheet PDF - Injoinic Technology Co.,Ltd.

Part # IP2313
Download  IP2313 Click to download

File Size   1298.7 Kbytes
Page   11 Pages
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.
Description High-Input-Voltage Synchronous Buck Charger IC for Single-Cell Li-ion Batteries

IP2313 Datasheet (HTML) - Injoinic Technology Co.,Ltd.


IP2313 Product details

Features
 Synchronous buck charging
 Buck charging efficiency: 93%
 Charging current at battery terminal: 2A
 Automatic charging current adjustment to match adapter output capability
 Supports custom battery voltages: 4.20V/4.30V/4.35V/4.4V
 Supports NTC temperature protection during charging
 Supports custom LED charging status indication (1 or 2 LEDs)
 Integrated power MOSFETs
 750kHz switching frequency; supports 1µH inductor
 Input over-voltage, under-voltage, and over-charge protection
 IC over-temperature protection
 Charging timeout protection
 ESD protection: 4kV
 VIN DC withstand voltage: 12V; transient withstand voltage: up to 18V

Applications
 Single-cell Li-battery/Li-ion battery charging

Description
The IP2313 is a synchronous buck charging management IC designed for single-cell lithium batteries, featuring a 5V input and high VIN voltage tolerance.
By integrating power MOSFETs and utilizing a synchronous switching architecture, the IP2313 minimizes the need for external components, effectively reducing the overall solution size and BOM cost.
The IP2313’s synchronous buck charging converter operates at a frequency of 750 kHz and achieves a conversion efficiency of 93% with a 5V input and a 3.7V battery voltage.
With a 5V input, the IP2313 automatically adjusts the charging current to match the adapter's load capacity.
The IP2313 is available in an ESOP8 package.




Similar Part No. - IP2313

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP2312 INJOINIC-IP2312 Datasheet
980Kb / 11P
Single-cell lithium battery synchronous switch buck charging IC
V1.0
More results


Similar Description - IP2313

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34674 FREESCALE-MC34674 Datasheet
1Mb / 26P
High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
MC34673 FREESCALE-MC34673 Datasheet
619Kb / 22P
High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
Switching Charger for 1-Cell Li-ion Batteries
July 2, 2010
logo
Freescale Semiconductor...
MC34671AEPR2 FREESCALE-MC34671AEPR2 Datasheet
602Kb / 22P
High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com