Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2313 Datasheet(PDF) 2 Page - Injoinic Technology Co.,Ltd.

Part # IP2313
Description  High-Input-Voltage Synchronous Buck Charger IC for Single-Cell Li-ion Batteries
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2313 Datasheet(HTML) 2 Page - Injoinic Technology Co.,Ltd.

  IP2313 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IP2313
V1.0
http://www.injoinic.com/
2 / 11
Copyright © 2021, Injoinic Corp.
4 引脚定义
图 2 IP2313 引脚图
Pin Name Pin Number Pin Description
VIN
1
DC5V 充电输入引脚
NC
2
浮空
NTC
3
NTC 功能引脚
LED1
4
LED1 驱动引脚
LED2
5
LED2 驱动引脚
BAT
6
连接锂电池正极
SW
7
DC-DC 开关引脚
VSYS
8
输入中间节点,需要接电容
EPAD
--
Connect to GND
5 IP 系列型号选择表
IC 型号 可接电池数量 LED 灯数 输入快充 输入电压 DC-DC 模式
特点
封装规格
IP2312
1
1,2
-
5V
降压
高效率
ESOP8
IP2313
1
1,2
-
5V
降压
VIN 高耐压
ESOP8
IP2315
1
1,2
√
5~12V
降压
集成快充
QFN32
IP2322
2
1
-
5V
升压
2 串电池
DFN10
IP2325
2~3
1
-
5V
升压
15W 输入
ESOP8
IP2326
2~3
1
-
5V
升压
2~3 串电池
QFN24
IP2365
1~4
1
-
5~24V
降压
1~4 串电池
QFN24



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com