Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IP2313 Datasheet(PDF) 1 Page - Injoinic Technology Co.,Ltd.

Part # IP2313
Description  High-Input-Voltage Synchronous Buck Charger IC for Single-Cell Li-ion Batteries
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2313 Datasheet(HTML) 1 Page - Injoinic Technology Co.,Ltd.

  IP2313 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP2313 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
IP2313
V1.0
www.injoinic.com
1 / 11
Copyright © 2021, Injoinic Corp.
VIN 高耐压单节锂电池同步开关降压充电 IC
1 特性
同步开关降压充电
降压充电效率
93%
电池端充电电流
2A
自动调节充电电流,匹配适配器输出能力
支持定制
4.20V/4.30V/4.35V/4.4V 电池
支持充电
NTC 温度保护
支持定制
2 灯或 1 灯 LED 充电状态指示
功率
MOS 内置
750KHz 开关频率,可支持 1uH 电感
输入过压、欠压、过充保护
IC 过温保护
充电超时保护
ESD 4KV
VIN 直流耐压 12V,瞬态耐压高达 18V
2 应用
单节锂电池
/锂离子电池充电
3 简介
IP2313 是一款 5V 输入,VIN 高耐压,支持单节
锂电池同步开关降压充电管理的
IC。
IP2313 集成功率 MOS,采用同步开关架构,使
其在应用时仅需极少的外围器件,并有效减小整体
方案的尺寸,降低
BOM 成本。
IP2313 的同步开关降压充电转换器工作频率为
750KHz;5V 输入,电池电压为 3.7V 时,转换效率
为
93%。
IP2313 输入电压为 5V,输入可以自动调节充电
电流,匹配适配器负载能力。
IP2313 采用 ESOP8 封装。
图 1 简化应用原理图


Similar Part No. - IP2313

ManufacturerPart #DatasheetDescription
logo
Injoinic Technology Co....
IP2312 INJOINIC-IP2312 Datasheet
980Kb / 11P
Single-cell lithium battery synchronous switch buck charging IC
V1.0
More results

Similar Description - IP2313

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34674 FREESCALE-MC34674 Datasheet
1Mb / 26P
High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
MC34673 FREESCALE-MC34673 Datasheet
619Kb / 22P
High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
Switching Charger for 1-Cell Li-ion Batteries
July 2, 2010
logo
Freescale Semiconductor...
MC34671AEPR2 FREESCALE-MC34671AEPR2 Datasheet
602Kb / 22P
High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
logo
First Silicon Co., Ltd
FC4057A420QD16 FS-FC4057A420QD16 Datasheet
1Mb / 40P
2A Synchronous Buck Single Cell Li-Ion USB/Adapter Charger
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com