Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS521 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # CMS521
Description  Safety Interlock Switches CM Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CMS521 Datasheet(HTML) 1 Page - Omron Electronics LLC

  CMS521 Datasheet HTML 1Page - Omron Electronics LLC CMS521 Datasheet HTML 2Page - Omron Electronics LLC CMS521 Datasheet HTML 3Page - Omron Electronics LLC CMS521 Datasheet HTML 4Page - Omron Electronics LLC CMS521 Datasheet HTML 5Page - Omron Electronics LLC CMS521 Datasheet HTML 6Page - Omron Electronics LLC CMS521 Datasheet HTML 7Page - Omron Electronics LLC CMS521 Datasheet HTML 8Page - Omron Electronics LLC CMS521 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
G
G-63
www.sti.com/info
Conforms to EN292, EN60204-1, EN954-1,
EN1088, EN60947-5-3, EN947-5-3,
EN50081, EN50082, EN61000-6-2,
ISO 13849-1
UL and C-UL listed, TUV certified
Most Diverse and Flexible Line of
Coded Magnetic Safety Interlock
Switches and Controllers
• Combine door switch monitoring and E-stop monitoring by using
the CM-S41 controller
• Monitor is single switch to CAT4 with the CM-S30 controller
• Monitor multiple switches to CAT3 using CM-S4 or CM-S30
controllers
• Monitoring multiple switches on individual channels can be
achieved by using the CM-S21 or CM-S41 controllers. Easily
expand your system by using the CM-SE expansion module.
• All CM switches are rated IP67
• Stainless steel switches are available for harsh environments
• A Rapid Delivery Product: Select models are available for ship-
ment today or within 3 to 5 days
Safety Interlock Switches
CM Series
Description
The CM series of controllers and coded magnetic switches
offers the most flexibility and widest range of options available.
The CM series is comprised of two basic technologies.
Controller Technologies
2-Wire Single Channel Controllers
The CM-S41 and CM-S21 controllers monitor the 2-wire
magnetically coded switches. The CM-S41 and CM-S21 control-
lers use a patented technology which allows them to monitor the
2-wire or single channel switches up to Category 3. The ability to
monitor just a single channel enables the CM-S41 and CM-S21 to
easily monitor multiple switches and provide individual status of
each channel. Both of these controllers are compatible with the
CM-SE expansion module.
Dual Channel Controllers
The CM-S4 and CM-S30 controllers are designed to monitor
conventional read-style, magnetically-coded switches with 1 N/O
+ 1 N/C contacts. The CM-S4 controller can monitor up to four
switches to category 3. The CM-S4 controller offers status indica-
tion for each individual switch. The CM-S30 controller can monitor
one switch to category 4, or two switches to category 3. The CM-
S30 control unit is capable of monitoring up to 30 conventional
read style switches in series, but does not conform to category 3
when used with more than two switches.
Switch Categories
The CM series of switches are all magnetically coded.
The CM series of switches fall into three main categories:
1. 2-wire Coded Magnetic
2. Conventional Read Style 1 N/C + 1 N/O contacts
3. Universal Read Style 2 N/C + 1 N/O contacts
The 2-wire Coded Magnetic Switches are only compatible with
the CM-S21, CM-S41 and CM-SE control units and expansion
module. The Conventional Read Style Switches are compatible
with the CM-S4 and CM-S30 controllers. The Universal Read
Style Switches are unique in design, all three contacts are rated
for safety. This means that Universal Read Style switches can
be used with the CM-S4 or CM-S30 Controllers, or conventional
safety monitoring relays such as the G9SA, SR103 or G9SX-AD,
-BC. This allows the Universal Read Style Switches to be run in
series with E-stop switches or other mechanical door switches.
Typically a category 2 rating would be applied to a system that
incorporates multiple switches wired in series to a standard safety
monitoring relay. A risk assessment should always be performed
by properly trained and authorized personnel.
Select models are available for Rapid Delivery.
Visit this product on www.sti.com for details.
R
C
US


Similar Part No. - CMS521

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CMS521 OMRON-CMS521 Datasheet
1Mb / 14P
Safety Interlock Switches
08/14
More results

Similar Description - CMS521

ManufacturerPart #DatasheetDescription
logo
ITT Industries
11TL602 ITT-11TL602 Datasheet
331Kb / 3P
Door Interlock Switches
logo
C&K Components
11TL602 CK-COMPONENTS-11TL602 Datasheet
238Kb / 3P
Door Interlock Switches
DS1F5AQ1 CK-COMPONENTS-DS1F5AQ1 Datasheet
351Kb / 4P
DS Series Interlock Pushbutton Switches
DS-SERIES CK-COMPONENTS-DS-SERIES Datasheet
142Kb / 3P
Interlock Pushbutton Switches
11TL CK-COMPONENTS-11TL Datasheet
440Kb / 3P
Door Interlock Switches
logo
GREEGOO Electric Co.,Lt...
CZ-93BPG GREEGOO-CZ-93BPG Datasheet
1Mb / 2P
Safety Key Interlock Switch
logo
C&K Components
SL CK-COMPONENTS-SL Datasheet
1Mb / 4P
Sealed Interlock Door Switches
8 Dec 21
DSSNAP CK-COMPONENTS-DSSNAP Datasheet
229Kb / 3P
Interlock Snap Switches
31 oct 16
TL CK-COMPONENTS-TL Datasheet
508Kb / 3P
Door Interlock Switches
DS CK-COMPONENTS-DS Datasheet
234Kb / 3P
Interlock Snap Switches
31 oct 16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com