Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS521 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # CMS521
Description  Safety Interlock Switches CM Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CMS521 Datasheet(HTML) 5 Page - Omron Electronics LLC

  CMS521 Datasheet HTML 1Page - Omron Electronics LLC CMS521 Datasheet HTML 2Page - Omron Electronics LLC CMS521 Datasheet HTML 3Page - Omron Electronics LLC CMS521 Datasheet HTML 4Page - Omron Electronics LLC CMS521 Datasheet HTML 5Page - Omron Electronics LLC CMS521 Datasheet HTML 6Page - Omron Electronics LLC CMS521 Datasheet HTML 7Page - Omron Electronics LLC CMS521 Datasheet HTML 8Page - Omron Electronics LLC CMS521 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
G
G-67
www.sti.com/info
Dual Channel Controllers
CM-S4 Control Unit
The CM-S4 controller is capable of monitoring up to four,
magnetically coded switches with 1 N/O + 1 N/C contacts up to
category 3 according to EN954-1. The CM-S4 has a dedicated
dual channel input for each switch and has LED status indicators
for each channel. The CM-S4 has 1 N/O safety contact and 1 N/O
Aux contact. External Device Monitoring (EDM) is available using
Y1,Y2 inputs.
CM-S30 Control Unit
The CM-S30 controller is capable of monitoring one magneti-
cally coded switch with 1 N/O + 1 N/C contacts up to category
4, or two switches to category 3 according to ISO 13489-1. The
CM-S30 control unit is capable of monitoring up to 30 convention-
al read style switches in series, but does not conform to category
4 when used with more than two switches. The CM-S30 controller
has 2 N/O safety contacts and 1 N/C Auxiliary contact. External
Device Monitoring (EDM) is available using Y1,Y2 inputs.
Applications (continued)
CM Series Safety Interlock Switches
CM-S4 Application Diagram
CM-S30 Application Diagram (Cat 3)
CM-S30 Application Diagram (Cat 4)
WH
K1
K1
K1
K2
UB
K1
K1
F2
K2
START/
FEEDBACK LOOP
MONITORED AUTO
RESTART
K3
CHANNEL 1
CHANNEL 21
BRN
YE
GN
24VAC/DC
N (0 Volt)
A1 A2
HL1
H73 H74
Y1
Y2
Y3
14
24
32
HL2 H22
13
23
31
WH
BRN
YE
GN
GN
GN
GN
CM-S30
WH
A1 A2
HL1
K1
K1
K1
K2
UB
K1
K1
F2
K2
H73 H74
Y1
Y2
Y3
14
24
32
MONITORED AUTO
RESTART
K3
CHANNEL 1
HL2 H22
13
23
31
BRN
YE
GN
N (0 Volt)
24VAC/DC
START/
FEEDBACK LOOP
CHANNEL 21
GN
GN
GN
CMS-S30
Select models are available for Rapid Delivery.
Visit this product on www.sti.com for details.
K1
K1
K2
K2
UB
D12
D12
D11
K1
control logic
READ HEAD 1
CHANNEL 1
CHANNEL 3
CHANNEL 4
FEEEDBACK LOOP
YE
A1
A2
1
2
3
4
GN WH BN
GN
RD
RD
RD
GN
CHANNEL 2
D21
OUT
GN
ID
GN
D31
GN
D41
GN
D12
READ HEAD 2
READ HEAD 3
READ HEAD 4
YE
5
6
7
8
9
10
11
12
15
16
17
18
14
24
Y1
Y2
13
GN WH BN
BN WH YE
GN
BN WH YE
GN
24VAC/DC
N (0 Volt)
K2
K3
K4
23
D42
RD
CM-S4
*23-24 should not be used as safety output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com