Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS521 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # CMS521
Description  Safety Interlock Switches CM Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CMS521 Datasheet(HTML) 2 Page - Omron Electronics LLC

  CMS521 Datasheet HTML 1Page - Omron Electronics LLC CMS521 Datasheet HTML 2Page - Omron Electronics LLC CMS521 Datasheet HTML 3Page - Omron Electronics LLC CMS521 Datasheet HTML 4Page - Omron Electronics LLC CMS521 Datasheet HTML 5Page - Omron Electronics LLC CMS521 Datasheet HTML 6Page - Omron Electronics LLC CMS521 Datasheet HTML 7Page - Omron Electronics LLC CMS521 Datasheet HTML 8Page - Omron Electronics LLC CMS521 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
G
G-64
www.sti.com/info
Switch Specifications
Electrical
CM-S1, CM-S2,
CM-S3
CM-S5, CM-S6
CM-S221, CM-
S521, CM-S621
CM-S11
CM-S31
CM-S321,
CM-S421
Safety Contacts:
1 N/C + 1 N/O
1 N/C + 1 N/O
2 N/C + 1 N/O
Current Sensing
Circuit
Current Sensing
Circuit
2 N/C + 1 N/O
N/C Operating Distance:
CM-S1 —
On = 3 mm;
Off = 8 mm
CM-S2 and
CM-S3 —
On = 6 mm;
Off = 13 mm
On = 7 mm;
Off = 10 mm
On = 7 mm;
Off = 10 mm
On = 5-7 mm; Off
= 8-12 m
On = 5-7 mm; Off
= 8-12 mm
On = 7 mm;
Off = 10 mm
Minimum Gap:
1 mm
1 mm
1 mm
1 mm
1 mm
1 mm
Max Switched Current/
Voltage:
500 mA / 24 V
300 mA / 24 V
300 mA / 24 V
300 mA / 24 V
Mechanical
Mounting:
2 x M4
screws supplied
2 x M4
screws supplied
2 x M4
screws supplied
2 x M4
screws supplied
2 x M4
screws supplied
3 x M4
screws supplied
Case Material:
Glass filled PPS
ABS
ABS
ABS
316 stainless
steel
316 stainless
steel
Max Wire Size:
Pre-wired cable
to 5 m
Pre-wired cable
to 10 m
Pre-wired cable
to 10 m
Pre-wired cable
to 10 m
Pre-wired cable
to 10 m
Pre-wired
cable to 5 m,
6-pin micro AC
connector
Weight:
230 g (8.1 oz.)
207 g (8.1 oz.)
230 g (8.1 oz.)
207 g (7.3 oz.)
265 g (9.3 oz.)
545 g (19.2 oz.)
Color:
Red
Red
Red
Red
Stainless
Stainless
Mechanical Life:
106
106
106
106
106
106
Environmental
Protection:
IP67 (NEMA 6)
IP67 (NEMA 6)
IP67 (NEMA 6)
IP67 (NEMA 6)
IP67 (NEMA 6)
IP67 (NEMA 6)
Operating Temperature:
-10 to 55°C
(14 to 131°F)
-10 to 55°C
(14 to 131°F)
-10 to 55°C
(14 to 131°F)
-10 to 55°C
(14 to 131°F)
-10 to 55°C
(14 to 131°F)
Connector
Models:
-10 to 55°C
(14 to 131°F)
Integrated
Cables:
-10 to 95°C
(14 to 203°F)
Humidity:
95% RH at 55°C (131°F)
Compliance
Standards:
EN292, EN60204-1, EN954-1, EN1088, EN60947-5-3, EN947-5-3, EN50081, EN50082, EN61000-6-2
Approvals/Listings:
CE marked for all applicable directives, UL and C-UL.
TUV certified: CM-S1, CM-S2, CM-S3, CM-S11 and CM-S31.
Specifications are subject to change without notice.
Note: The safety contacts of the STI switches are described as normally closed (N/C) i.e., with the guard closed, actuator in place, and
the machine able to be started.
CM Series Safety Interlock Switches
Select models are available for Rapid Delivery.
Visit this product on www.sti.com for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com