Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS521 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # CMS521
Description  Safety Interlock Switches CM Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CMS521 Datasheet(HTML) 4 Page - Omron Electronics LLC

  CMS521 Datasheet HTML 1Page - Omron Electronics LLC CMS521 Datasheet HTML 2Page - Omron Electronics LLC CMS521 Datasheet HTML 3Page - Omron Electronics LLC CMS521 Datasheet HTML 4Page - Omron Electronics LLC CMS521 Datasheet HTML 5Page - Omron Electronics LLC CMS521 Datasheet HTML 6Page - Omron Electronics LLC CMS521 Datasheet HTML 7Page - Omron Electronics LLC CMS521 Datasheet HTML 8Page - Omron Electronics LLC CMS521 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
G
G-66
www.sti.com/info
CM Series Safety Interlock Switches
2-Wire Single Channel Controllers
CM-S41 Control Unit
The CM-S41 is a combined Safety Switch and E-Stop control
unit. Along with the ability to monitor up to four, 2-wire CM Series
safety switches, it can also monitor the normally closed contacts
of emergency stop buttons or mechanical safety switches in dual
channel control circuits.
The CM-S41 has 2 normally open safety contact outputs and 1
normally closed auxiliary output, an external reset/proving circuit
and LED indication for “Power”, “Run” and the status of each
activated gate switch.
CM-S21 Control Unit
The CM-S21 control unit is a 24 VAC/DC system that can moni-
tor up to 2 CM Series safety switches.
The CM-S21 has 2 normally open safety contact outputs and 1
normally closed auxiliary output, an external reset/proving circuit
and LED indication for “Power”, “Run” and the status of each
activated gate switch.
CM-SE Extender Module
The CM-SE expansion module is a 24 VAC/DC unit that can be
added to either the CM-S41 or CM-S21 to monitor an additional
5 CM Series safety switches. Connection to the main control
unit is by a simple 2-wire bus connection. The status of each
guard switch is shown by the YELLOW LED’s. Additional CMS-E
modules can be added to monitor larger systems.
Applications
CM-S21 Application Diagram
CM-S41 Application Diagram
CM-SE Application Diagram
RUN
POWER
GATE 4
GATE 3
4
3
2
1
GATE 4
GATE 3
GATE 2
DE-SELECT
A1 S13 S23 X1 BL DR BL DR 31 13 23
A2 S14 S24 X2 BL DR BL DR 32 14 24
GATE 2
GATE 1
GS3GS4
GS1GS2
K1
K2
MECHANICAL
SAFETY
SWITCHES
or
EMERGENCY
STOP
K1
K2
MANUAL
RE-SET
L (+ve)
N (-ve)
K1
K2
A1
BL
DR
GATE 1
GS1
24 V
+ve
0 V
-ve
BL
DR
BL
DR
GATE 2GATE 3
GS2 GS3
A2
BL
DR
GATE 4
GS4
BL
DR
BL
DR
GATE 5BUS
GS5
IND 1
IND 2
IND 3
IND 4
IND 5
2-WIRE BUS CONNECTION
POWER
BL DR
A2
A1
ISIS-4 or ISIS-2
CONTROL UNIT
Connect the ISIS-E
Bus connection to
Extender Module
Control Unit
CM-S41 / CM-S21 Control
Units:
Connect the CM-SE Bus
connection to an active
gate input.
GATE 2
A1 X1 BL DR 31 13 23
A2 X2 BL DR 32 14 24
GATE 1
GS2
GS1
K1
K2
K1
K2
24V
(+ve)
0V
(-ve)
K1
K2
POWER
IND 1
IND 2
RUN
MANUAL
RE-SET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com