Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER31 Datasheet(PDF) 7 Page - STMicroelectronics

Part # VIPER31
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER31 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VIPER31 Datasheet HTML 3Page - STMicroelectronics VIPER31 Datasheet HTML 4Page - STMicroelectronics VIPER31 Datasheet HTML 5Page - STMicroelectronics VIPER31 Datasheet HTML 6Page - STMicroelectronics VIPER31 Datasheet HTML 7Page - STMicroelectronics VIPER31 Datasheet HTML 8Page - STMicroelectronics VIPER31 Datasheet HTML 9Page - STMicroelectronics VIPER31 Datasheet HTML 10Page - STMicroelectronics VIPER31 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 39 page
background image
Table 7. Controller section
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
E/A
VFB_REF
Reference voltage
1.175
1.2
1.225
V
VFB_DIS
E/A disable voltage
150
180
210
mV
IFB_PULL UP
Pull-up current
0.9
1
1.1
µA
GM
Trans conductance
VCOMP = 1.5 V, VFB > VFB_REF
400
550
700
µA/V
ICOMP1
Max. source current
VCOMP = 1.5 V, VFB = 0.5 V
75
100
125
µA
ICOMP2
Max. sink current
VFB= 2 V, VCOMP = 1.5 V
75
100
125
µA
RCOMP(DYN)
Dynamic resistance
VCOMP = 2.7 V, FB = GND
13
15
18
kΩ
VCOMPH
Current limitation threshold
2.75
3.1
3.45
V
VCOMPL
PFM threshold
0.6
0.8
1
V
HCOMP
ΔVCOMP/ΔIDRAIN
VIPER317*
3.8
4.2
4,6
VIPER318*
3.2
3.5
3.8
V/A
VIPER319*
2.9
3.2
3.5
OLP and timing
IDLIM
Drain current limitation
TJ = 25°C , VIPER317*
675
710
745
mA
TJ = 25°C , VIPER318*
810
850
890
TJ = 25°C , VIPER319*
940
990
1040
VIPER317*(1)
639
710
781
VIPER318*(1)
765
850
935
VIPER319*(1)
891
990
1089
I2f
Power coefficient
IDLIM_TYP2 x FOSC_TYP
VIPER317L
-10%
30.2
+10%
A2·kHz
VIPER317H
66.5
VIPER318X
21.7
VIPER318L
43.4
VIPER318H
95.4
VIPER319X
29.4
VIPER319L
58.8
VIPER319H
129.4
IDlim_PFM
Drain current limitation at light load
TJ=25°C, VCOMP=VCOMPL(2)
VIPER317* (1)
80
110
140
mA
TJ = 25°C, VCOMP= VCOMPL(2)
VIPER318*(1)
100
130
160
TJ = 25°C, VCOMP= VCOMPL(2)
VIPER319*(1)
120
150
180
TJ = 25°C, VCOMP = VCOMPL(2)
VIPER319*C(1)
190
270
tOVL
Overload delay time
45
50
55
ms
tOVL_max
Max. overload delay time
When in pulse skipping
100
ms
VIPER31
Electrical and thermal ratings
DS13285 - Rev 6
page 7/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com