Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER31 Datasheet(PDF) 8 Page - STMicroelectronics

Part # VIPER31
Description  Energy saving offline high voltage converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER31 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VIPER31 Datasheet HTML 4Page - STMicroelectronics VIPER31 Datasheet HTML 5Page - STMicroelectronics VIPER31 Datasheet HTML 6Page - STMicroelectronics VIPER31 Datasheet HTML 7Page - STMicroelectronics VIPER31 Datasheet HTML 8Page - STMicroelectronics VIPER31 Datasheet HTML 9Page - STMicroelectronics VIPER31 Datasheet HTML 10Page - STMicroelectronics VIPER31 Datasheet HTML 11Page - STMicroelectronics VIPER31 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 39 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tSS
Soft-start time
5
8
11
ms
tON_MIN
Minimum turn-on time
VCC = 9 V,
VCOMP = 1 V,
VFB = VFB_REF
250
300
350
ns
tRESTART
Restart time after fault
0.625
1
1.375
s
UVP
VUVP_th
UVP threshold
VCC = 9 V,
VCOMP = 1 V,
VFB = VFB_REF
0.38
0.4
0.42
V
IUVP_pull- up
UVP pull-up current
-1
µA
tUVP_DEB
Debounce time before UVP tripping
18.75
30
41.25
ms
tUVP_REST
Debounce time for restoring normal
operation from UVP
18.75
30
41.25
ms
Iq_DIS
Quiescient current during UVP
Not switching, VFB> VFB_REF
0.25
0.35
mA
OVP
VOVP_th
Overvoltage protection threshold
VCC = 9 V,
VCOMP = 1 V,
VFB = VFB_REF
3.85
4
4.15
V
tOVP_DEB
Debounce time before OVP tripping
156
250
344
µs
tOVP_REST
Restart time after overvoltage
protection tripping
312
500
688
ms
Oscillator
FOSC
Switching frequency
TJ = 25ºC VIPER31*X
27
30
33
kHz
TJ = 25ºC, VIPER31*L
54
60
66
TJ = 25ºC, VIPER31*H
119
132
145
FOSC MIN
Min. switching frequency
TJ = 25ºC (3)
13.5
15
16.5
kHz
FD
Modulation depth
(4)
±7·FOSC
%
FM
Modulation frequency
(4)
200
Hz
DMAX
Max. duty cycle
(4)
70
80
%
Thermal shutdown protection
TSD
Thermal shutdown temperature
threshold
(4)
150
160
°C
1. Measured at Vin = 100 Vdc in Flyback topology, with 1.5 mH transformer primary inductance
2. See Section 4.10: Pulse frequency modulation
3. See Section 4.7: Pulse skipping
4. Parameter assured by design and characterization.
VIPER31
Electrical and thermal ratings
DS13285 - Rev 6
page 8/39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com